Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1MX55 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # R1MX55
Description  VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55 Datasheet(HTML) 8 Page - Unisonic Technologies

  R1MX55 Datasheet HTML 1Page - Unisonic Technologies R1MX55 Datasheet HTML 2Page - Unisonic Technologies R1MX55 Datasheet HTML 3Page - Unisonic Technologies R1MX55 Datasheet HTML 4Page - Unisonic Technologies R1MX55 Datasheet HTML 5Page - Unisonic Technologies R1MX55 Datasheet HTML 6Page - Unisonic Technologies R1MX55 Datasheet HTML 7Page - Unisonic Technologies R1MX55 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R101-023.B
TYPICAL CHARACTERISTICS(Cont.)
Time(µs)
Load Transient Response
0
-50
50
100
-100
50
500
0
100
200
300 400
500
600
700 800
900 1000
Time(µs)
Line Transient Response
0
-200
100
200
-100
0
1
0
100
200
300 400
500
600
700 800 900 1000
Ta=25℃,VC=1.8V,
CI=CO=1u (ceramic capacitor)
Ta=25℃,VIN=5V, VC=1.8V, IOL=50mA,
CI=CO=1u (ceramic capacitor)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - R1MX55

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R1MX55 UTC-R1MX55 Datasheet
281Kb / 9P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Unisonic Technologies
R1MX55 UTC-R1MX55 Datasheet
295Kb / 9P
   VOLTAGE REGULATOR
R1MX55G-15-AB5-R UTC-R1MX55G-15-AB5-R Datasheet
295Kb / 9P
   VOLTAGE REGULATOR
R1MX55G-15-SH2-R UTC-R1MX55G-15-SH2-R Datasheet
295Kb / 9P
   VOLTAGE REGULATOR
More results

Similar Description - R1MX55

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com