Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28332ZJZS Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320F28332ZJZS
Description  Digital Signal Controllers (DSCs)
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28332ZJZS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F28332ZJZS Datasheet HTML 7Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 8Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 9Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 10Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 11Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 12Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 13Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 14Page - Texas Instruments TMS320F28332ZJZS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 195 page
background image
TMS320F28335, TMS320F28334, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
www.ti.com
SPRS439I – JUNE 2007 – REVISED MARCH 2011
Digital Signal Controllers (DSCs)
Check for Samples: TMS320F28335, TMS320F28334, TMS320F28332, TMS320F28235, TMS320F28234, TMS320F28232
1
TMS320F2833x, TMS320F2823x DSCs
1.1
Features
123
• High-Performance Static CMOS Technology
• Enhanced Control Peripherals
– Up to 150 MHz (6.67-ns Cycle Time)
– Up to 18 PWM Outputs
– 1.9-V/1.8 -V Core, 3.3-V I/O Design
– Up to 6 HRPWM Outputs With 150 ps MEP
Resolution
• High-Performance 32-Bit CPU (TMS320C28x)
– Up to 6 Event Capture Inputs
– IEEE-754 Single-Precision Floating-Point
Unit (FPU) (F2833x only)
– Up to 2 Quadrature Encoder Interfaces
– 16 x 16 and 32 x 32 MAC Operations
– Up to 8 32-Bit/Nine 16-Bit Timers
– 16 x 16 Dual MAC
• Three 32-Bit CPU Timers
– Harvard Bus Architecture
• Serial Port Peripherals
– Fast Interrupt Response and Processing
– Up to 2 CAN Modules
– Unified Memory Programming Model
– Up to 3 SCI (UART) Modules
– Code-Efficient (in C/C++ and Assembly)
– Up to 2 McBSP Modules (Configurable as
SPI)
• Six-Channel DMA Controller (for ADC, McBSP,
ePWM, XINTF, and SARAM)
– One SPI Module
• 16-Bit or 32-Bit External Interface (XINTF)
– One Inter-Integrated-Circuit (I2C) Bus
– Over 2M x 16 Address Reach
• 12-Bit ADC, 16 Channels
• On-Chip Memory
– 80-ns Conversion Rate
– F28335/F28235: 256K x 16 Flash, 34K x 16
– 2 x 8 Channel Input Multiplexer
SARAM
– Two Sample-and-Hold
– F28334/F28234: 128K x 16 Flash, 34K x 16
– Single/Simultaneous Conversions
SARAM
– Internal or External Reference
– F28332/F28232: 64K x 16 Flash, 26K x 16
• Up to 88 Individually Programmable,
SARAM
Multiplexed GPIO Pins With Input Filtering
– 1K x 16 OTP ROM
• JTAG Boundary Scan Support (1)
• Boot ROM (8K x 16)
• Advanced Emulation Features
– With Software Boot Modes (via SCI, SPI,
– Analysis and Breakpoint Functions
CAN, I2C, McBSP, XINTF, and Parallel I/O)
– Real-Time Debug via Hardware
– Standard Math Tables
• Development Support Includes
• Clock and System Control
– ANSI C/C++ Compiler/Assembler/Linker
– Dynamic PLL Ratio Changes Supported
– Code Composer Studio™ IDE
– On-Chip Oscillator
– DSP/BIOS™
– Watchdog Timer Module
– Digital Motor Control and Digital Power
• GPIO0 to GPIO63 Pins Can Be Connected to
Software Libraries
One of the Eight External Core Interrupts
• Low-Power Modes and Power Savings
• Peripheral Interrupt Expansion (PIE) Block That
– IDLE, STANDBY, HALT Modes Supported
Supports All 58 Peripheral Interrupts
– Disable Individual Peripheral Clocks
• 128-Bit Security Key/Lock
– Protects Flash/OTP/RAM Blocks
– Prevents Firmware Reverse Engineering
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
Boundary Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA, Code Composer Studio, DSP/BIOS, TMS320C28x, Delfino, PowerPAD, TMS320C54x, TMS320C55x, C28x are trademarks
of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320F28332ZJZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28332ZJZS TI1-TMS320F28332ZJZS Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28332ZJZS TI1-TMS320F28332ZJZS Datasheet
2Mb / 199P
[Old version datasheet]   PRODUCTION DATA information is current as of publication date
TMS320F28332ZJZS TI1-TMS320F28332ZJZS Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28332ZJZS TI1-TMS320F28332ZJZS Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28332ZJZS TI1-TMS320F28332ZJZS Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28332ZJZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335_016 TI1-TMS320F28335_016 Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
1Mb / 100P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V02 Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com