Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL082-P08-R
Description  GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL082-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TL082-P08-R Datasheet HTML 1Page - Unisonic Technologies TL082-P08-R Datasheet HTML 2Page - Unisonic Technologies TL082-P08-R Datasheet HTML 3Page - Unisonic Technologies TL082-P08-R Datasheet HTML 4Page - Unisonic Technologies TL082-P08-R Datasheet HTML 5Page - Unisonic Technologies TL082-P08-R Datasheet HTML 6Page - Unisonic Technologies TL082-P08-R Datasheet HTML 7Page - Unisonic Technologies TL082-P08-R Datasheet HTML 8Page - Unisonic Technologies TL082-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL082
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R105-019,G
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current, No Load
ICC
Ta=25°C
3.6
5.6
mA
Channel Separation
(Av=100, Ta=25°C)
V01/V02
120
dB
Ta=25°C
10
40
60
mA
Output Short-Circuit Current
IOS
TMIN ≤Ta ≤TMAX
10
60
mA
Slew Rate (Ta=25°C)
SR
VIN=10V, RL=2kΩ
CL=100pF, unity gain
8
16
V/µs
Rise Time (Ta=25°C)
tR
VIN =20mV, RL=2kΩ
CL=100pF, unity gain
0.1
µs
Overshoot (Ta=25°C)
KOV
VIN=20mV, RL=2kΩ
CL=100pF, unity gain
10
%
Total Harmonic Distortion (Ta=25°C)
THD
AV=20dB, f=1kHz, RL=2kΩ,
CL=100pF, VOUT=2Vpp)
0.01
%
Phase Margin
Φm
45
Degrees
Equivalent Input Noise Voltage
(RS=100Ω, f=1KHz)
eN
15
nV
Hz
Note: The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in
the junction temperature.


Similar Part No. - TL082-P08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
[Old version datasheet]   TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI-TL082-Q1 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
More results

Similar Description - TL082-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL082 UTC-TL082_15 Datasheet
334Kb / 7P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_18 Datasheet
241Kb / 7P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
   General J-FET input dual operational amplifier
TL082 UMW-TL082 Datasheet
904Kb / 8P
   General J-FET input dual operational amplifier
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
465Kb / 9P
   GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
logo
Guangdong Youtai Semico...
TL084 UMW-TL084 Datasheet
599Kb / 4P
   General J-FET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com