Selected language     English  ▼


D-200-0228 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-200-0228
Description  1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
300 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
1 TO 1 SPLICES CRIMP, SOLDERSHIELD
SPLICE KIT, SHIELDED CABLE 26 THRU 12
AWG, Ni PLATED, 1 TO 4 CONDUCTORS
Unless otherwise specified dimensions are in
millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-200-02XX
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
F
DATE:
June 21, 2010
PREPARED BY:
UNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-10-014788
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2009-2010 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
SOLDERSHIELD SPLICE SLEEVE
SEALING SLEEVE
CRIMP SPLICE
Product Dimensions
Part Names
Primary
No.
AWG
Range
Color
Code
L Max
A
2.54
(0.100)
ØD1
ØD2
ØD3
ØD4
D-200-0228
1
26-20
Red
80.52 (3.170)
50.30 (1.970)
4.29 (0.169)
3.00 (0.118)
1.14 (0.045)
2.79 (0.110)
D-200-0229
1
20-16
Blue
80.52 (3.170)
50.30 (1.970)
5.50 (0.217)
4.00 (0.157)
1.63 (0.064)
4.00 (0.157)
D-200-0230
1
16-12
Yellow
80.52 (3.170)
50.30 (1.970)
6.50 (0.256)
5.00 (0.197)
2.46 (0.097)
4.32 (0.170)
D-200-0231
2
26-20
Red
105.92 (4.170)
74.93 (2.950)
5.50 (0.217)
4.00 (0.157)
1.14 (0.045)
2.16 (0.085)
D-200-0232
2
18-16
Blue
105.92 (4.170)
74.93 (2.950)
6.50 (0.256)
5.00 (0.197)
1.63 (0.064)
2.79 (0.110)
D-200-0233
2
14
Yellow
105.92 (4.170)
74.93 (2.950)
7.50 (0.295)
6.00 (0.236)
2.46 (0.097)
4.32 (0.170)
D-200-0234
2
12
Yellow
105.92 (4.170)
74.93 (2.950)
10.50 (0.413)
9.04 (0.356)
2.46 (0.097)
4.32 (0.170)
D-200-0236
3/4
22-20
Red
105.92 (4.170)
74.93 (2.950)
6.50 (0.256)
5.00 (0.197)
1.14 (0.045)
2.16 (0.085)
D-200-0237
3/4
18-16
Blue
105.92 (4.170)
74.93 (2.950)
7.50 (0.295)
6.00 (0.236)
1.63 (0.064)
2.79 (0.110)
D-200-0238
3/4
14-12
Yellow
108.00 (4.250)
74.93 (2.950)
10.50 (0.413)
9.04 (0.356)
2.46 (0.097)
4.32 (0.170)
D-200-0239
3/4
18-16
Blue
108.00 (4.250)
74.93 (2.950)
10.50 (0.413)
9.04 (0.356)
1.63 (0.064)
4.32 (0.170)
MATERIALS
1. SOLDERSHIELD SPLICE SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified fluoropolymer,
containing two environment resistant sealing rings and a solder impregnated, flux-coated copper-wire braid.
Transparent blue.
SOLDER:
TYPE Sn96 per ANSI J-STD-006.
FLUX:
TYPE ROM1 per ANSI J-STD-004.
2. CRIMP SPLICE (1, 2, OR 4 PER KIT): Nickel-plated copper alloy.
3. SEALING SPLICE SLEEVE (1, 2, OR 4 PER KIT): Heat-shrinkable, transparent blue, radiation cross-linked modified
fluoropolymer, containing two environment resistant sealing rings. Transparent blue.
APPLICATION
1. These kits are designed to make an environment-resistant, 1 to 1 in-line splice in shielded single, twisted pair, trio and quad
cables having nickel-plated conductors and insulations rated for 150
C minimum.
2. Temperature rating: -55
C to +200C.
3. For installation procedures refer to the applicable sections of Raychem Process Standard RCPS 150-05.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl