Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1182 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1182
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1182 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1182 Datasheet HTML 4Page - Semtech Corporation SC1182 Datasheet HTML 5Page - Semtech Corporation SC1182 Datasheet HTML 6Page - Semtech Corporation SC1182 Datasheet HTML 7Page - Semtech Corporation SC1182 Datasheet HTML 8Page - Semtech Corporation SC1182 Datasheet HTML 9Page - Semtech Corporation SC1182 Datasheet HTML 10Page - Semtech Corporation SC1182 Datasheet HTML 11Page - Semtech Corporation SC1182 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1998 SEMTECH CORP.
August 25, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1182/3
9
Vout
5V
+
+
4) The Output Capacitor(s) (Cout) should be located
as close to the load as possible, fast transient load
currents are supplied by Cout only, and connections
between Cout and the load must be short, wide cop-
per areas to minimize inductance and resistance.
5) The SC1182/3 is best placed over a quiet ground
plane area, avoid pulse currents in the Cin, Q1, Q2
loop flowing in this area. PGNDH and PGNDL should
be returned to the ground plane close to the package.
The AGND pin should be connected to the ground
side of (one of) the output capacitor(s). If this is not
possible, the AGND pin may be connected to the
ground path between the Output Capacitor(s) and the
Cin, Q1, Q2 loop. Under no circumstances should
AGND be returned to a ground inside the Cin, Q1, Q2
loop.
6) Vcc for the SC1182/3 should be supplied from the
5V supply through a 10
Ω resistor, the Vcc pin should
be decoupled directly to AGND by a 0.1
µF ceramic
capacitor, trace lengths should be as short as possi-
ble.
7) The Current Sense resistor and the divider across
it should form as small a loop as possible, the traces
running back to CS+ and CS- on the SC1182/3
should run parallel and close to each other. The
0.1
µF capacitor should be mounted as close to the
CS+ and CS- pins as possible.
8) Ideally, the grounds for the two LDO sections
should be returned to the ground side of (one of) the
output capacitor(s).
Currents in various parts of the power section


Similar Part No. - SC1182

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC118-4C PICKER-SC118-4C Datasheet
94Kb / 1P
   14 Pin Miniature Socket for Din Rail or Panel Mount
logo
Semtech Corporation
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185A SEMTECH-SC1185A Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185A SEMTECH-SC1185A Datasheet
252Kb / 14P
   Programmable Synchronous DC/DC
SC1185ACSW SEMTECH-SC1185ACSW Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
More results

Similar Description - SC1182

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1166 SEMTECH-SC1166 Datasheet
333Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER?
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1172 SEMTECH-SC1172 Datasheet
119Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com