Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848612084P2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1848612084P2
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848612084P2 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1848612084P2 Datasheet HTML 1Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 2Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 3Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 4Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 5Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 6Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 7Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 8Page - Vishay Siliconix MKP1848612084P2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
284
Revision: 27-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFIC REFERENCE DATA 700 VDC
UNDC at 85 °C = 700 V, UOPDC at 70 °C = 800 V, UOPDC at 105 °C = 500 V
Notes
(1)
Change the * symbol with special code for the terminals
(2)
Maximum RMS current at 10 kHz, + 85 °C,
t = + 15 °C, cap. tol.  ± 5 %
(3)
Equivalent series resistance typical values at 10 kHz
(4)
Maximum tan
 values
(5)
Standard dimension
(6)
SPQ = Standard Packing Quantity
(7)
6 pins
(8)
12 pins
(9)
Intermediate capacitance values available on request.
(10) Under release
CAP.
(9)
DIMENSIONS
(mm) (5)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
) (3)
tan
1 kHz
< (10-4) (4)
tan
10 kHz
< (10-4) (4)
MASS SPQ
(5)
PART NUMBER (1)
(µF)
w
h
l
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
9.0
19.0 32.0 27.5
-
0.8
75
75
2.5
-
54.0
-
8.0
-
68
-
6.0
160
MKP1848510704K2
2
9.0
19.0 32.0 27.5
-
0.8
75
150
3
-
34.5
-
8.0
-
68
-
5.5
160
MKP1848520704K2
3
11.0 21.0 32.0 27.5
-
0.8
75
225
4
-
23.0
-
8.0
-
68
-
8.5
130
MKP1848530704K2
4
13.0 23.0 32.0 27.5
-
0.8
75
300
5
-
17.0
-
8.0
-
68
-
10.5
115
MKP1848540704K2
5
15.0 25.0 32.0 27.5
-
0.8
75
375
6
-
14.0
-
8.0
-
68
-
12
100
MKP1848550704K2
6
18.0 28.0 32.0 27.5
-
0.8
75
450
7.5
-
11.5
-
8.0
-
68
-
17
80
MKP1848560704K2
7
18.0 28.0 32.0 27.5
-
0.8
75
525
8
-
10.0
-
8.0
-
68
-
16
80
MKP1848570704K2
8
18.0 28.0 32.0 27.5
-
0.8
75
600
8.5
-
8.5
-
8.0
-
68
-
15
80
MKP1848580704K2
9
21.0 31.0 32.0 27.5
-
0.8
75
675
10
-
7.5
-
8.0
-
68
-
22
65
MKP1848590704K2
10
21.0 31.0 32.0 27.5
-
0.8
75
750
10
-
7.0
-
8.0
-
68
-
21
65
MKP1848610704K2
12
20.0 35.0 32.0 27.5
-
0.8
75
900
11.5
-
6.0
-
8.0
-
68
-
20
70
MKP1848612704K2
10
18.5 35.5 43.0 37.5
10.2
1.0
40
400
7.5
8
13.5 12.0
15
13
135
120
34
105
MKP1848610704P*
12
18.5 35.5 43.0 37.5
10.2
1.0
40
480
8
8.5
11.5 10.0
15
13
135
120
32
105
MKP1848612704P*
15
18.5 35.5 43.0 37.5
10.2
1.0
40
600
9
10
9.0
8.0
15
13
135
120
30
105
MKP1848615704P*
20
21.5 38.5 43.0 37.5
10.2
1.0
40
800
11
12
7.0
6.0
15
13
135
120
36
91
MKP1848620704P*
22
24.0 44.0 42.0 37.5
10.2
1.0
40
880
13
13.5
6.0
5.5
15
13
135
120
49
77
MKP1848622704P*
25
24.0 44.0 42.0 37.5
10.2
1.0
40
1000 13.5 14.5
5.5
5.0
15
13
135
120
47
77
MKP1848625704P*
30
30.0 45.0 42.0 37.5 10.2/
20.3
1.0
40
1200
16
17
4.5
4.0
15
13
135
120
62
63
MKP1848630704P*
35
30.0 45.0 42.0 37.5 10.2/
20.3
1.0
40
1400
17
18.5
4.0
3.5
15
13
135
120
55
63
MKP1848635704P*
30
25.0 45.0 57.5 52.5
10.2
1.2
20
600
11
12
9.0
8.0
30
25
270
240
76
55
MKP1848630704Y*
35
25.0 45.0 57.5 52.5
10.2
1.2
20
700
12
12.5
7.5
7.0
30
25
270
240
71
55
MKP1848635704Y*
40
25.0 45.0 57.5 52.5
10.2
1.2
20
800
13
13.5
6.5
6.0
30
25
270
240
66
55
MKP1848640704Y*
45
30.0 45.0 57.5 52.5
20.3
1.2
20
900
14.5
15
6.0
5.5
30
25
270
240
95
45
MKP1848645704Y*
50
30.0 45.0 57.5 52.5
20.3
1.2
20
1000
15
15.5
5.5
5.0
30
25
270
240
88
45
MKP1848650704Y*
55
35.0 50.0 57.5 52.5
20.3
1.2
20
1100
17
18
5.0
4.5
30
25
270
240
112
40
MKP1848655704Y*
60
35.0 50.0 57.5 52.5
20.3
1.2
20
1200
18
19
4.5
4.0
30
25
270
240
107
40
MKP1848660704Y*
65
35.0 50.0 57.5 52.5
20.3
1.2
20
1300
19
20.5
4.0
3.5
30
25
270
240
100
40
MKP1848665704Y*
70
45.0 45.0 57.5 52.5
20.3
1.2
20
1400
-
20
-
3.5
-
25
-
240
128
30
MKP1848670704Y5
75
45.0 45.0 57.5 52.5
20.3
1.2
20
1500
-
21.5
-
3.0
-
25
-
240
123
30
MKP1848675704Y5
80
45.0 45.0 57.5 52.5
20.3
1.2
20
1600
-
21.5
-
3.0
-
25
-
240
119
30
MKP1848680704Y5
160 (10
70.0 65.0 57.5 52.5
20.3
1.2
20
3200
-
30.5
-
2.5
-
28
-
280
264
20
MKP1848716704Y5 (7)
320 (10) 130.0 65.0 57.5 52.5
20.3
1.2
20
6400
-
54
-
1.3
-
28
-
280
359
10
MKP1848732704Y5 (8)


Similar Part No. - MKP1848612084P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848612084P VISHAY-MKP1848612084P Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848612084P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com