Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1040 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB1040
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1040 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB1040 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1040 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1040 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1040 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1040 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 18-AUG-10
KSD-D6B001-002
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
40
V
Average forward rectified current
IO
1
A
Peak forward surge current 10ms single half sine-wave
IFSM
30
A
Operating junction temperature
Tj
150
C
Storage temperature range
Tstg
-55 ~ 150
C
Electrical Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
1)
VF
IF=10mA
-
0.5
0.55
V
Reverse leakage current
2)
IR
VR=40V
-
-
200
A
Total capacitance
CT
VR=10V, f=1MHz
-
50
-
pF
2) Pulse test:
tP≤380㎲, Duty cycle≤2%
3) Pulse test:
tP≤5㎳, Duty cycle≤2%
SDB1040


Similar Part No. - SDB1040

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB1040 AUK-SDB1040 Datasheet
243Kb / 4P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB1040 KODENSHI-SDB1040 Datasheet
214Kb / 5P
   Schottky Barrier Rectifier
SDB1040-1 KODENSHI-SDB1040-1 Datasheet
214Kb / 5P
   Schottky Barrier Rectifier
logo
AUK corp
SDB1040PH AUK-SDB1040PH Datasheet
304Kb / 4P
   Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB1040PH KODENSHI-SDB1040PH Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1040

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com