Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1040PH Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SDB1040PH
Description  40V, 10A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1040PH Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SDB1040PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1040PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1040PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1040PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1040PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KSD-D0Q002-002
4
Package Outline Dimension
SDB1040PH


Similar Part No. - SDB1040PH

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB1040PH AUK-SDB1040PH Datasheet
304Kb / 4P
   Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB1040PH KODENSHI-SDB1040PH Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
SDB1040PH-1 KODENSHI-SDB1040PH-1 Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1040PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1040PH-1 KODENSHI-SDB1040PH-1 Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
SBA100-04Y SANYO-SBA100-04Y Datasheet
84Kb / 3P
   40V, 10A Rectifier
logo
Shindengen Electric Mfg...
SF10SC4 SHINDENGEN-SF10SC4 Datasheet
617Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
SF10SC4R SHINDENGEN-SF10SC4R Datasheet
553Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
D10SBS4 SHINDENGEN-D10SBS4 Datasheet
684Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
DE10SC4 SHINDENGEN-DE10SC4 Datasheet
529Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com