Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848712084Y2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1848712084Y2
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848712084Y2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1848712084Y2 Datasheet HTML 2Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 3Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 4Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 5Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 6Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 7Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 8Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 9Page - Vishay Siliconix MKP1848712084Y2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
286
Revision: 27-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFIC REFERENCE DATA 900 VDC
UNDC at 85 °C = 900 V, UOPDC at 70 °C = 1100 V, UOPDC at 105 °C = 650 V
Notes
(1)
Change the * symbol with special code for the terminals
(2)
Maximum RMS current at 10 kHz, + 85 °C,
t = + 15 °C, cap. tol.  ± 5 %
(3)
Equivalent series resistance typical values at 10 kHz
(4)
Maximum tan
 values
(5)
Standard dimension
(6)
SPQ = Standard Packing Quantity
(7)
6 pins
(8)
12 pins
(9)
Intermediate capacitance values available on request.
(10) Under release
CAP.
(9)
DIMENSIONS
(mm) (5)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
) (3)
tan
1 kHz
< (10-4) (4)
tan
10 kHz
< (10-4) (4)
MASS SPQ
(5)
PART NUMBER (1)
(µF)
w
h
l
(mm) (mm) (mm) (V/µs) (A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
9.0
19.0 32.0 27.5
-
0.8
40
40
2
-
63.0
-
7.0
-
50
-
6.0
160
MKP1848510094K2
2
13.0 23.0 32.0 27.5
-
0.8
80
160
3.5
-
32.0
-
7.0
-
50
-
11.0
115
MKP1848520094K2
3
15.0 25.0 32.0 27.5
-
0.8
80
240
5
-
21.0
-
7.0
-
50
-
12.0
100
MKP1848530094K2
4
18.0 28.0 32.0 27.5
-
0.8
80
320
6
-
16.0
-
7.0
-
50
-
16.5
80
MKP1848540094K2
5
21.0 31.0 32.0 27.5
-
0.8
80
400
7.5
-
13.0
-
7.0
-
50
-
22.5
65
MKP1848550094K2
6
21.0 31.0 32.0 27.5
-
0.8
80
480
8.5
-
10.0
-
7.0
-
50
-
21.0
65
MKP1848560094K2
7
20.0 35.0 32.0 27.5
-
0.8
80
560
9
-
9.0
-
7.0
-
50
-
21.0
70
MKP1848570094K2
5
18.5 35.5 43.0 37.5
10.2
1.0
20
100
6
6.5
21.0 19.0
12
10
100
90
32
105
MKP1848550094P*
6
18.5 35.5 43.0 37.5
10.2
1.0
40
240
6.5
7
18.0 16.0
12
10
100
90
30
105
MKP1848560094P*
7
18.5 35.5 43.0 37.5
10.2
1.0
40
280
6.5
7
18.0 16.0
12
10
100
90
33
105
MKP1848570094P*
8
18.5 35.5 43.0 37.5
10.2
1.0
40
320
7
7.5
16.0 14.0
12
10
100
90
31
105
MKP1848580094P*
9
18.5 35.5 43.0 37.5
10.2
1.0
40
360
7.5
8
14.0 12.0
12
10
100
90
30
105
MKP1848590094P*
10
21.5 38.5 43.0 37.5
10.2
1.0
40
400
8.5
9
12.0 11.0
12
10
100
90
39
91
MKP1848610094P*
12
21.5 38.5 43.0 37.5
10.2
1.0
40
480
9.5
10
10.0
9.0
12
10
100
90
36
91
MKP1848612094P*
15
24.0 44.0 42.0 37.5
10.2
1.0
40
600
11
12
8.0
7.0
12
10
100
90
47
77
MKP1848615094P*
16
24.0 44.0 42.0 37.5
10.2
1.0
40
640
11
12
8.0
7.0
12
10
100
90
45
77
MKP1848616094P*
20
30.0 45.0 42.0 37.5
10.2/
20.3
1.0
40
800
14
15.5
6.0
5.0
12
10
100
90
57
63
MKP1848620094P*
15
25.0 45.0 57.5 52.5
10.2
1.2
20
300
9
9.5
14.0 12.0
25
20
200
185
70
55
MKP1848615094Y*
20
25.0 45.0 57.5 52.5
10.2
1.2
20
400
9.5
10
12.0 11.0
25
20
200
185
73
55
MKP1848620094Y*
22
25.0 45.0 57.5 52.5
10.2
1.2
20
440
10
10.5 11.0 10.0
25
20
200
185
70
55
MKP1848622094Y*
25
30.0 45.0 57.5 52.5
20.3
1.2
20
500
11
11.5 10.0
9.0
25
20
200
185
98
45
MKP1848625094Y*
30
30.0 45.0 57.5 52.5
20.3
1.2
20
600
12.5
13
8.0
7.0
25
20
200
185
89
45
MKP1848630094Y*
35
35.0 50.0 57.5 52.5
20.3
1.2
20
700
14.5 15.5
7.0
6.0
25
20
200
185
109
40
MKP1848635094Y*
40
35.0 50.0 57.5 52.5
20.3
1.2
20
800
15.5
17
6.0
5.0
25
20
200
185
99
40
MKP1848640094Y*
45
45.0 45.0 57.5 52.5
20.3
1.2
20
900
-
16.5
-
5.0
-
20
-
185
124
30
MKP1848645094Y5
50
45.0 45.0 57.5 52.5
20.3
1.2
20
1000
-
18.5
-
4.0
-
20
-
185
117
30
MKP1848650094Y5
100 (10)
70.0 65.0 57.5 52.5
20.3
1.2
20
2000
-
26.5
-
3.3
-
22
-
205
259
20
MKP1848710094Y5 (7)
200 (10) 130.0 65.0 57.5 52.5
20.3
1.2
20
4000
-
48.5
-
1.6
-
22
-
205
608
10
MKP1848720094Y5 (8)


Similar Part No. - MKP1848712084Y2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848712084Y5 VISHAY-MKP1848712084Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848712084Y2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com