Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1560PH Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB1560PH
Description  LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1560PH Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB1560PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1560PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1560PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1560PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1560PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0Q028-002
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
60
V
Maximum average forward rectified current
IF(AV)
15
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
210
A
Storage temperature range
Tstg
-45℃ to +150℃
Maximum operating junction temperature
TJ
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
Rth(j-c)
4.5
/W
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 15A
Tj=25℃
-
-
0.62
V
Tj=125℃
-
-
0.58
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
0.5
mA
Tj=125℃
-
-
50
mA
Junction capacitance
Cj
VR = 5VDC, f=1MHz
-
-
720
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
SDB1560PH


Similar Part No. - SDB1560PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1560PH KODENSHI-SDB1560PH Datasheet
279Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
SDB1560PH-1 KODENSHI-SDB1560PH-1 Datasheet
279Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
More results

Similar Description - SDB1560PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1560PH-1 KODENSHI-SDB1560PH-1 Datasheet
279Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
logo
MIC GROUP RECTIFIERS
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1630 MIC-SRFL1630 Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 MIC-SRFL1030 Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Sensitron
SHD126211 SENSITRON-SHD126211_08 Datasheet
52Kb / 3P
   SCHOTTKY RECTIFIER Very Low Forward Voltage
logo
MIC GROUP RECTIFIERS
SRBL1030 MIC-SRBL1030 Datasheet
64Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL2030C MIC-SRFL2030C Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL2030C MIC-SRL2030C Datasheet
83Kb / 4P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL4030P MIC-SRL4030P Datasheet
62Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL5030P MIC-SRL5030P Datasheet
59Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com