Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB5150PH Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB5150PH
Description  HIGH VOLTAGE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB5150PH Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB5150PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB5150PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB5150PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB5150PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB5150PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0Q035-001
1
SDB5150PH
Schottky Barrier Rectifier
TO-220F-2L
HIGH VOLTAGE SCHOTTKY RECTIFIER
Features
 Low forward voltage drop
 Low power loss and High efficiency
 Low leakage current
 High surge capability
 Full lead(Pb)-free and RoHS compliant device
Applications
 High efficiency SMPS
 Output rectification
 High frequency switching
 Freewheeling
 DC-DC converter systems
Description
The SDB5150PH is ideally suited for a full wave output rectifier in low switching power supplies,
inverters and as free wheeling diodes.
Ordering Information
Device
Marking Code
Package
Packaging
SDB5150PH
SDB5150
TO-220F-2L
Tube
Marking Information
Product Characteristics
IF(AV)
5A
VRRM
150V
VFM at 125℃
0.75V
IFSM
120A
AUK = Manufacture Logo
∆ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. D = Daily Code
SDB5150 = Specific Device Code
Pin Configuration
Pin 1: Cathode
Pin 2: Anode


Similar Part No. - SDB5150PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB5150PH KODENSHI-SDB5150PH Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB5150PH-1 KODENSHI-SDB5150PH-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results

Similar Description - SDB5150PH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
   High Voltage Schottky Rectifier
16-Aug-04
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 30-Nov-10
logo
KODENSHI_AUK CORP.
SDB5100PH-1 KODENSHI-SDB5100PH-1 Datasheet
279Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100PH-1 KODENSHI-SDB10100PH-1 Datasheet
261Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100D-1 KODENSHI-SDB10100D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10200D-1 KODENSHI-SDB10200D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB5150PH-1 KODENSHI-SDB5150PH-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com