Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-150 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SC-150
Description  150W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SC-150 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SC-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SC-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SC-150-13.5
SC-150-27
SC-150-54
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
13.5V
27V
54V
11.2A
5.6A
2.8A
0~11.2A
0~5.6A
0~2.8A
151.2W
151.2W
151.2W
180mVp-p
240mVp-p
240mVp-p
1.0%
1.0%
1.0%
12~15V
24~30V
48~56V
0.3%
0.2%
0.2%
0.3%
0.2%
0.2%
100ms,50msatfullload
24msatfullload
88~132VAC/176~264VACselectedbyswitch248~370VDC
83%
86%
86%
3.2A/115VAC1.6A/230VAC
COLDSTART 35A
<3.5mA /240VAC
105~150% ratedoutputpower
15.53~18.23V
31.05~36.45V
62.1~72.9V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
199*110*50mm(L*W*H)
0.8Kg;16pcs/13.9Kg/0.95CUFT
FileName:SC-150-SPEC2010-10-18
UL60950-1, TUVEN60950-1approved
SAFETY STANDARDS
234.1KHrsmin.MIL-HDBK-217F(25
)
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
HARMONICCURRENT
EMSIMMUNITY
FREQUENCY RANGE
47~63Hz
150WSingleOutputSwitchingPowerSupply
AC input range selectable by switch
Protections: Short circuit / Overload / Over voltage
Charger for lead-acid batteries
Built-in constant current limiting circuit
Built-in temperature compensation circuit
Alarm signal output
Fixed switching frequency at 25KHz
2 years warranty
Features :
S C - 1 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)


Similar Part No. - SC-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
logo
SL Power Electronics
SC-150 SLPOWER-SC-150 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
Formosa MS
SC-150 FORMOSA-SC-150 Datasheet
2Mb / 1P
   AC?득틦 LED?됧폊?롦Æ?
logo
Mean Well Enterprises C...
SC-150-13.5 MEANWELL-SC-150-13.5 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
SC-150-27 MEANWELL-SC-150-27 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
More results

Similar Description - SC-150

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com