Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848712454P4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP1848712454P4
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848712454P4 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP1848712454P4 Datasheet HTML 3Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 4Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 5Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 6Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 7Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 8Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 9Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 10Page - Vishay Siliconix MKP1848712454P4 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 27-May-11
287
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
Vishay Roederstein
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFIC REFERENCE DATA 1100 VDC
UNDC at 85 °C = 1100 V, UOPDC at 70 °C = 1350 V, UOPDC at 105 °C = 800 V
Notes
(1)
Change the * symbol with special code for the terminals
(2)
Maximum RMS current at 10 kHz, + 85 °C,
t = + 15 °C, cap. tol.  ± 5 %
(3)
Equivalent series resistance typical values at 10 kHz
(4)
Maximum tan
 values
(5)
Standard dimension
(6)
SPQ = Standard Packing Quantity
(7)
6 pins
(8)
12 pins
(9)
Intermediate capacitance values available on request.
(10) Under release
CAP.
(9)
DIMENSIONS
(mm) (5)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
) (3)
tan
1 kHz
< (10-4) (4)
tan
10 kHz
< (10-4) (4)
MASS SPQ
(5)
PART NUMBER (1)
(µF)
w
h
l
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
11.0 21.0 32.0 27.5
-
0.8
95
95
3
-
45.5
-
6.0
-
45
-
9.0
130
MKP1848510914K2
2
15.0 25.0 32.0 27.5
-
0.8
95
190
4.5
-
23.0
-
6.0
-
45
-
12.0
100
MKP1848520914K2
3
18.0 28.0 32.0 27.5
-
0.8
95
285
6
-
15.5
-
6.0
-
45
-
16.0
80
MKP1848530914K2
4
21.0 31.0 32.0 27.5
-
0.8
95
380
8
-
11.5
-
6.0
-
45
-
21.5
65
MKP1848540914K2
5
20.0 35.0 32.0 27.5
-
0.8
95
475
9
-
9.5
-
6.0
-
45
-
21.5
65
MKP1848550914K2
5
18.5 35.5 43.0 37.5
10.2
1.0
45
225
6.5
7
18.0 16.0
10
8.5
90
80
33
105
MKP1848550914P*
6
18.5 35.5 43.0 37.5
10.2
1.0
45
270
7
7.5
15.0 13.5
10
8.5
90
80
30
105
MKP1848560914P*
7
21.5 38.5 43.0 37.5
10.2
1.0
45
315
8
8.5
13.0 11.5
10
8.5
90
80
39
91
MKP1848570914P*
8
21.5 38.5 43.0 37.5
10.2
1.0
45
360
9
9.5
11.0 10.0
10
8.5
90
80
37
91
MKP1848580914P*
9
24.0 44.0 42.0 37.5
10.2
1.0
45
405
10
10.5 10.0
9.0
10
8.5
90
80
50
77
MKP1848590914P*
10
24.0 44.0 42.0 37.5
10.2
1.0
45
450
10.5
11
9.0
8.0
10
8.5
90
80
48
77
MKP1848610914P*
12
30.0 45.0 42.0 37.5
10.2/
20.3
1.0
45
540
12.5 13.5
7.5
6.5
10
8.5
90
80
63
63
MKP1848612914P*
10
25.0 45.0 57.5 52.5
10.2
1.2
23
230
8
8.5
18.0 16.0
20
17
175
155
81
55
MKP1848610914Y*
12
25.0 45.0 57.5 52.5
10.2
1.2
23
276
8.5
9
15.0 13.0
20
17
175
155
77
55
MKP1848612914Y*
15
25.0 45.0 57.5 52.5
10.2
1.2
23
345
9.5
10.5 12.0 10.5
20
17
175
155
70
55
MKP1848615914Y*
20
30.0 45.0 57.5 52.5
20.3
1.2
23
460
11.5 12.5
9.0
8.0
20
17
175
155
91
45
MKP1848620914Y*
22
35.0 50.0 57.5 52.5
20.3
1.2
23
506
13.5 14.5
8.0
7.0
20
17
175
155
115
40
MKP1848622914Y*
25
35.0 50.0 57.5 52.5
20.3
1.2
23
575
14.5
15
7.0
6.5
20
17
175
155
108
40
MKP1848625914Y*
30
45.0 45.0 57.5 52.5
20.3
1.2
23
690
-
16.5
-
5.0
-
17
-
155
126
30
MKP1848630914Y5
60 (10) 70.0 65.0 57.5 52.5
20.3
1.2
23
1380
-
40
-
2.5
-
18
-
180
256
20
MKP1848660914Y5 (7)
70 (10) 70.0 65.0 57.5 52.5
20.3
1.2
23
1610
-
34.5
-
2.0
-
18
-
180
257
20
MKP1848670914Y5 (7)
120 (10) 130.0 65.0 57.5 52.5
20.3
1.2
23
2760
-
39.5
-
2.4
-
18
-
180
606
10
MKP1848712914Y5 (8)
140 (10) 130.0 65.0 57.5 52.5
20.3
1.2
23
3220
-
43.5
-
2
-
18
-
180
608
10
MKP1848714914Y5 (8)


Similar Part No. - MKP1848712454P4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848712084Y5 VISHAY-MKP1848712084Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848712914Y5 VISHAY-MKP1848712914Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848712924Y5 VISHAY-MKP1848712924Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848712454P4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com