Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-15B-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SD-15B-12
Description  15W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-15B-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-15B-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-15B-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockDiagram
1
LED
+V ADJ.
2
3
5
4
2-M3L=6
66.5
10.5
55
78
2.75
2-M3L=4
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT +V
DCOUTPUT -V
FG
DCINPUT V+
DCINPUT V-
(HORIZONTAL)
(VERTICAL)
-10
-10
0
10
20
30
40
50
45
60
55
20
40
60
80
100
AMBIENTTEMPERATURE()
CIRCUIT
DETECTION
EMI
FILTER
FILTER
&
RECTIFIERS
+V
-V
I/P
fosc:96KHz
PWM
RECTIFIERS
&
FILTER
POWER
SWITCHING
CONTROL
OLP
14max.
15WSingleOutput DC-DCConverter
S D - 1 5 series
MechanicalSpecification
DeratingCurve
FileName:SD-15-SPEC2011-06-15
CaseNo.931A
Unit:mm


Similar Part No. - SD-15B-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-15B-12 MEANWELL-SD-15B-12 Datasheet
507Kb / 2P
   15W Single Output DC-DC Converter
SD-15B-12 MEANWELL-SD-15B-12 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results

Similar Description - SD-15B-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
SD-15 MEANWELL-SD-15 Datasheet
507Kb / 2P
   15W Single Output DC-DC Converter
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKE15 MEANWELL-SKE15 Datasheet
171Kb / 1P
   15W DC-DC Regulated Single Output Converter
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA15 MEANWELL-SKA15 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com