Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE-350-3.3 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SE-350-3.3
Description  350W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SE-350-3.3 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SE-350-3.3 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SE-350-3.3 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
CaseNo.912CUnit:mm
AMBIENTTEMPERATURE(
)
TerminalPinNo.assignment:
PinNo.
PinNo.
1
4~6
3
2
7~9
Assignment
Assignment
AC/L
DCOUTPUT -V
FG
AC/N
DCOUTPUT +V
20
40
60
80
100
-20
0
10
20
30
40
50
60
(HORIZONTAL)
117.5
215
32.5
32.5
27.5
8
2
1
5
3
4
6
7
+V ADJ.
9
LED
6cmFAN
6-M4L=6mm
150
5-M3L=3mm
15
4-M4L=5mm
177.5
150
47.5
350WSingleOutputSwitchingPowerSupply
S E - 3 5 0 series
12max.
INPUTVOLTAGE(VAC)60Hz
90
180
95
190
100
200
115
230
132
264
90
100
80
70
60
50
40
180~264VAC
90~132VAC
105
210
-10
I/P
FG
EMI
RECTIFIERS
O.L.P.
PWM
CONTROL
RECTIFIERS
&
FILTER
O.V.P.
+V
-V
POWER
DETECTION
SWITCHING
CIRCUIT
FILTER
fosc:90KHz
115/230V(SW)
BlockDiagram
O.T.P.
RECTIFIERS
&
FILTER
FAN
FANON/OFFCONTROL
FileName:SE-350-SPEC2011-04-23


Similar Part No. - SE-350-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-350-3.3 MEANWELL-SE-350-3.3 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
More results

Similar Description - SE-350-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-350 MEANWELL-NES-350 Datasheet
279Kb / 2P
   350W Single Output Switching Power Supply
S-350 MEANWELL-S-350 Datasheet
233Kb / 2P
   350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350_12 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
NES-350 MEANWELL-NES-350_12 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
ERP-350 MEANWELL-ERP-350 Datasheet
104Kb / 3P
   350W Single Output Switching Power Supply
NES-350_1104 MEANWELL-NES-350_1104 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
LRS-350N2 MEANWELL-LRS-350N2 Datasheet
167Kb / 5P
   350W Single Output Switching Power Supply
2023-07-12
logo
List of Unclassifed Man...
R1J-350I1H2A0 ETC2-R1J-350I1H2A0 Datasheet
734Kb / 12P
   350W350W Redundant Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com