Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE-600-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SE-600-24
Description  600W Single Output Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SE-600-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SE-600-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SE-600-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SE-600-5
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
5V
100A
0~100A
500W
150mVp-p
4.75~5.5V
2.0%
0.5%
2.0%
1000ms,50ms/230VAC1000ms,50ms/115VACatfullload
20ms/230VAC16ms/115VACatfullload
90~132VAC/180~264VACselectedbyswitch254~370VDC
47~63Hz
78%
12A/115VAC7.5A/230VAC
30A/115VAC60A/230VAC
<2.0mA /240VAC
105~125% ratedoutputpower
5.75~6.3V
13.8~16.2V
18~21V
27.6~32.4V
31~36.5V
42~50V
57.6~67.2V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
85
5
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-20~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
197Khrsmin.MIL-HDBK-217F(25
)
247*127*63.5mm(L*W*H)
2.1Kg;6pcs/13.4Kg/1.03CUFT
83%
84%
87%
87%
87%
88%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
150mVp-p
10~13.5V
150mVp-p
13.5~16.5V
150mVp-p
22~26.4V
150mVp-p
200mVp-p
24~30V
32~40V
200mVp-p
43~56V
12V
50A
0~50A
600W
15V
40A
0~40A
600W
24V
25A
0~25A
600W
27V
36V
22.2A
16.6A
0~22.2A
0~16.6A
599.4W
597.6W
48V
12.5A
0~12.5A
600W
SE-600-12
SE-600-15
SE-600-24
SE-600-27
SE-600-36
SE-600-48
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
FileName:SE-600-SPEC2009-06-16
AC input active surge current limiting
AC input range selected by switch
Protections:Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan
High power density 4.9w/inch
Built-in remote sense function
UL approved
Low cost
2 years warranty
3
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
600WSingleOutputPowerSupply
S E - 6 0 0 series


Similar Part No. - SE-600-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SE-600-24 TOTAL-POWER-SE-600-24 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600-24 MEANWELL-SE-600-24 Datasheet
252Kb / 2P
   600W Single Output Power Supply
SE-600-24 MEANWELL-SE-600-24 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600-24 TOTAL-POWER-SE-600-24 Datasheet
320Kb / 2P
   600W Single Output Power Supply
More results

Similar Description - SE-600-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
LRS-600 MEANWELL-LRS-600 Datasheet
585Kb / 4P
   600W Single Output Switching Power Supply
2022-11-21
LRS-600N2 MEANWELL-LRS-600N2 Datasheet
624Kb / 5P
   600W Single Output Switching Power Supply
2023-06-30
logo
Extech Instruments Corp...
382276 EXTECH-382276_15 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
382275 EXTECH-382275 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
382275 EXTECH-382275_15 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com