Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM15A-05 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SKM15A-05
Description  15W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKM15A-05 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SKM15A-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PinConfiguration
DeratingCurve
Ta(
)
-40
0
25
50 60
80
100
50
100
-Vin
+Vin
+Vout
-Vout
TRIM
2
1
5
4
6
LOAD
UP
DOWN
TRIMPOT
VR
VR
500K
ExternalOutputTrimming
Output
Output
+Vin
-Vout
-Vin
Trim
R.C.
+Vout
PinNo.
PinNo.
1
4
2
5
3
6
1
BOTTOM
VIEW
6
25.40
(1.00)
10.16
(0.40)
10.16
(0.40)
5.08
(0.20)
7.62
(0.30)
2.54
(0.10)
9.9
(0.39)
5.8
(0.23)
5
4
2
3
2.54
(0.10)
12.7
(0.50)
1" 1" compact size
2:1 wide input range
High efficiency up to 88%
1500VDC I/O isolation
Built-in remote ON/OFF control
Built-in trimming output( 10%)
Built-in EMI filter
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Six-sided shield metal case
100% burn-in test
Low cost / High reliability
Approvals: FCC / CE
2 years warranty
SPECIFICATION
FileName:SKM15-SPEC 2011-03-31
SKM15A-05 SKM15B-05 SKM15C-05 SKM15A-12 SKM15B-12 SKM15C-12 SKM15A-15 SKM15B-15 SKM15C-15
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
OVERVOLTAGE
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERCURRENT
FILTER
SHORTCIRCUIT
PROTECTION
A:9~18VDCB:18~36VDCC:36~75VDC
400KHztyp.
2.0%
0.5%
0.5%
50mVp-p
60mVp-p
60mVp-p
15W
300~3000mA
125~1250mA
100~1000mA
5V
12V
15V
86%
88%
1500mA
750mA
380mA
1500mA
750mA
380mA
1500mA
750mA
380mA
80mA
55mA
35mA
35mA
25mA
15mA
35mA
25mA
15mA
110%~180%ratedoutputpower
I/P-O/P:1.5KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
400Khrsmin.MIL-HDBK-217F(25
)
-40~+80
(Refertooutputloadderatingcurve)
115%~150%ratedoutputvoltage
Protectiontype:Clampbydiode, recoversautomaticallyafterfaultconditionisremoved
20%~90%RHnon-condensing
-55~+100
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
25.4*25.4*9.9mmor1"*1"*0.39"inch (L*W*H)
15g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
Fullload
Noload
Pinetwork
87%
87%
87%
88%
MechanicalSpecification
Unit:mm(inch)
1.0DIA
(0.040 0.005)
86%
86%
87%
15WDC-DCRegulatedSingleOutputConverter
S K M 1 5 series
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGE ACCURACY
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022Class A,FCCpart15Class A
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
PROTECTION
Fuserecommended
EXTERNAL CAPACITANCELOAD (max.) 1000uF
EXTERNAL TRIM Adj.RANGE(Typ.)
10%
REMOTECONTROL
PowerON:R.C~-Vin>2.5VDCoropencircuit;PowerOFF:R.C~-Vin<0.5VDCorshort


Similar Part No. - SKM15A-05

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM150GAL123D SEMIKRON-SKM150GAL123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM150GAL123D SEMIKRON-SKM150GAL123D Datasheet
703Kb / 4P
   IGBT Modules
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4 Datasheet
519Kb / 5P
   Fast IGBT4 Modules
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4 Datasheet
432Kb / 5P
   Fast IGBT4 Modules
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4_10 Datasheet
432Kb / 5P
   Fast IGBT4 Modules
More results

Similar Description - SKM15A-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKE15 MEANWELL-SKE15 Datasheet
171Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA15 MEANWELL-SKA15 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
SKA15 MEANWELL-SKA15_11 Datasheet
177Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
NSD15-S MEANWELL-NSD15-S_11 Datasheet
263Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-D MEANWELL-NSD15-D Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-S MEANWELL-NSD15-S Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
DKE15 MEANWELL-DKE15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKA15 MEANWELL-DKA15_11 Datasheet
161Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKA15 MEANWELL-DKA15 Datasheet
160Kb / 1P
   15W DC-DC Regulated Dual Output Converter D
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com