Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKA15B-033 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SKA15B-033
Description  9.9~15W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKA15B-033 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SKA15B-033 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2:1 wide input range
4:1 wide input range(option)
1000VDC I/O isolation
3000VDC I/O isolation(option)
Built-in EMI filter
Protections: Short circuit / Overload
Cooling by free air convection
Six-sided shield metal case
100% burn-in test
Low cost / High reliability
Approvals: FCC / CE
2 years warranty
SPECIFICATION
FileName:SKA15-SPEC 2011-03-08
SKA15A-
05
SKA15B-
05
SKA15C-
05
SKA15B-
12
SKA15C-
12
SKA15A-
15
SKA15B-
15
SKA15C-
15
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERCURRENT
FILTER
SHORTCIRCUIT
PROTECTION
A:9~18VDCB:18~36VDCC:36~72VDC
150KHzmin.
2.0%
0.5%
0.2%
50mVp-p
50mVp-p
60mVp-p
60mVp-p
9.9W
15W
300~3000mA
300~3000mA
125~1250mA
100~1000mA
3.3V
5V
12V
15V
76%
80%
82%
A:1700mA B:800mA
C:400mA
A:20mA
B:30mA
C:15mA
110%~250%ratedoutputpower
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
300Khrsmin.MIL-HDBK-217F(25
)
-40~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
50.8*25.4*11.27mmor2"*1"*0.44"inch (L*W*H)
32g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
76%
Fullload
Noload
Pinetwork
76%
78%
82%
80%
80%
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
SKA15A-
12
78%
82%
82%
9.9~15WDC-DCRegulatedSingleOutputConverter
S K A 1 5 series
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Ta(
)
-40
0
25
50
71
60
80
100
100
SKA15A-
033
SKA15B-
033
SKA15C-
033
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGE ACCURACY
P i nN o .
O u t p u t
1
2
3
4
5
+ V i n
- V i n
+ Vo u t
N oP i n
- Vo u t
15.3
20.3
1
2
3
4
5
15.2
11.27
5.8
BOTTOMVIEW
1.0
+0.2/-0.1
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
PROTECTION
Fuserecommended
50.8


Similar Part No. - SKA15B-033

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKA15B-033 MEANWELL-SKA15B-033 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
More results

Similar Description - SKA15B-033

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKA15 MEANWELL-SKA15 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKE15 MEANWELL-SKE15 Datasheet
171Kb / 1P
   15W DC-DC Regulated Single Output Converter
NSD15-S MEANWELL-NSD15-S_11 Datasheet
263Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-D MEANWELL-NSD15-D Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-S MEANWELL-NSD15-S Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
DKE15 MEANWELL-DKE15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKA15 MEANWELL-DKA15_11 Datasheet
161Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKA15 MEANWELL-DKA15 Datasheet
160Kb / 1P
   15W DC-DC Regulated Dual Output Converter D
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com