Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1531 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation SC1531 Datasheet HTML 10Page - Semtech Corporation SC1531 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
Introduction
The SC1531(A) is intended for applications such as power
managed PCI and network interface cards (NICs), where
operation from a 3.3V VAUX supply may be required when
the 5V supply has been shut down. It provides a very
simple, low cost solution that uses very little pcb real
estate. During regular operation, 3.3V power for the PCI
card is provided by the SC1531(A)’s on-board low
dropout regulator, generated from the 5V supply. When
the 5V supply is removed and 3.3V VAUX is available, the
SC1531(A) connects this supply directly to its output
using a tiny SOT-23 external p-channel FET. Connection
of pin 3 (VAUX) to the 3.3V supply is optional, and adds
active pull-down to the Drive pin.
Component Selection
Output capacitors - Semtech recommends a minimum
bulk capacitance of 4.7µF at the output, along with a
0.1µF ceramic decoupling capacitor. Increasing the bulk
capacitance will improve the overall transient response.
The device is very tolerant of capacitor value and ESR
variations, in fact, any combination of capacitors with
C ³ 4.7µF and ESR < 1W is sufficient for stability. This
target is easily met using surface mount ceramic or
tantalum capacitors.
Input capacitors (5V) - Semtech recommends the use of
a 4.7µF ceramic or tantalum capacitor plus a 0.1µF
ceramic capacitor at the input. This allows for the device
being some distance from any bulk capacitance on the
rail. Additionally, input droop due to load transients is
reduced, improving load transient response.
Input capacitors (3.3V) - Semtech recommends
decoupling this pin (if used) with a 0.1µF ceramic
capacitor.
P-channel bypass FET - selection of the external FET is
determined by two main requirements:
1) the FET has to have a very low gate threshold
(typically ~1V) in order to be sufficiently turned on with
V
GS £ 3.3V.
2) the FET R
DS(ON) must be low enough such that:
(
)
)
MIN
(
)
ON
(
DS
)
MAX
(
O
VO
R
I
VAUX
Typical Characteristics (Cont.)(1)
Load Transient Response
Trace 1: VO
Trace 2: I
O stepping from 0mA to 200mA
Load Transient Response
Trace 1: VO
Trace 2: I
O stepping from 200mA to 0mA
Applications Information
Notes:
(1) In Application Circuit on page 1.
(2) I
O = 200mA.


Similar Part No. - SC1531

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1532 SEMTECH-SC1532 Datasheet
109Kb / 9P
   400mA SmartLDOTM with Internal Pass MOSFET
SC1532CS SEMTECH-SC1532CS Datasheet
109Kb / 9P
   400mA SmartLDOTM with Internal Pass MOSFET
logo
Littelfuse
SC1533-01FTG LITTELFUSE-SC1533-01FTG Datasheet
613Kb / 5P
   Bidirectional 3.3V, 15A, SOD323, General purpose ESD Protection
2022 Littelfuse, Inc.
SC1533-01LTG LITTELFUSE-SC1533-01LTG Datasheet
580Kb / 5P
   Bidirectional 3.3V, 15A, SOD523, General purpose ESD Protection
2022 Littelfuse, Inc
logo
Semtech Corporation
SC1534 SEMTECH-SC1534 Datasheet
94Kb / 7P
   400mA SmartLDOTM
More results

Similar Description - SC1531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
MM312 MITSUMI-MM312 Datasheet
74Kb / 2P
   250mA CMOS Regulator
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
logo
Central Semiconductor C...
PB-CMKT3920_1509 CENTRAL-PB-CMKT3920_1509 Datasheet
1Mb / 2P
   50V, 200mA
logo
Mitsumi Electronics, Co...
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com