Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDZ3V0G Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDZ3V0G
Description  Small Signal Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ3V0G Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDZ3V0G Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ3V0G Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ3V0G Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ3V0G Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ3V0G Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 17-NOV-10
KSD-D6B030-003
www.auk.co.kr
1 of 5
SDZ3V0G
ZENER DIODE
Small Signal Zener Diode
Features and Benefits
Silicon planar power Zener diode
Low Zener impedance and low leakage current
High reliability and very high stability
“Green” device and RoHS compliant device
Applications
Constant voltage regulation
Reference voltage application
Ordering Information
Part Number
Marking Code
Package
Packaging
SDZ3V0G
3V0
SOD-123
Tape & Reel
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
Absolute Maximum Ratings (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power dissipation
1)
PD
500
mW
Operating junction temperature
TJ
150
C
Storage temperature range
Tstg
-55
℃ to +150C
C
1) Device mounted on FR4 PCB, Single Side Copper, Mounting Pad for 2.5х2.5 mm.
3V0 = Specific Device Code
□ = Year & Week Code Marking
= Color band denote cathode
3V0
SOD-123


Similar Part No. - SDZ3V0G

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDZ3V0Q AUK-SDZ3V0Q Datasheet
169Kb / 3P
   Zener Diode
logo
KODENSHI_AUK CORP.
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
151Kb / 5P
   Small Signal Zener Diode
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
171Kb / 5P
   Small Signal Zener Diode
SDZ3V0Q KODENSHI-SDZ3V0Q_18 Datasheet
171Kb / 5P
   Small Signal Zener Diode
More results

Similar Description - SDZ3V0G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDZ3V0Q KODENSHI-SDZ3V0Q_18 Datasheet
171Kb / 5P
   Small Signal Zener Diode
SDZ6V2Z KODENSHI-SDZ6V2Z Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8 KODENSHI-SDZ6V8 Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V8D KODENSHI-SDZ6V8D Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8WA KODENSHI-SDZ6V8WA Datasheet
147Kb / 5P
   Small Signal Zener Diode
SDZ18VG KODENSHI-SDZ18VG Datasheet
260Kb / 5P
   Small Signal Zener Diode
SDZ24V KODENSHI-SDZ24V Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V2D KODENSHI-SDZ6V2D Datasheet
149Kb / 5P
   Small Signal Zener Diode
SDZ6V2F KODENSHI-SDZ6V2F Datasheet
161Kb / 5P
   Small Signal Zener Diode
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
151Kb / 5P
   Small Signal Zener Diode
SDZ5V1D KODENSHI-SDZ5V1D Datasheet
160Kb / 5P
   Small Signal Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com