Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-200-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SP-200-5
Description  200W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-200-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SP-200-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-200-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
REMOTECONTROL(OPTION)
FUNCTION
ACCURRENT (Typ.)
600ms,30msatfullload
20msatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.93/230VACPF>0.98/115VACatfullload
65%
71%
76%
79%
80%
81%
83%
83%
84%
3.5A/115VAC1.7A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
3.63~4.46V 5.5~6.75V
8.25~10.13V 13.2~16.2V 14.85~18.2V 16.5~20.25V 26.4~32.4V 29.7~36.45V 52.8~64.8V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
CN1:4~10VDCPOWERON,<0~0.8VDCPOWEROFF
UL60950-1, TUVEN60950-1,CCCGB4943approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
183.8Khrsmin.MIL-HDBK-217F(25
)
199*99*50mm(L*W*H)
0.85Kg;20pcs/17.9Kg/1.28CUFT
FileName:SP-200-SPEC2010-10-18
200WSingleOutputwithPFCFunction
S P - 2 0 0 series
Universal AC input / full range
Built-in active PFC function, PF>0.93
Protections: Short circuit / Overload / Over voltage / Over temperature
Built-in cooling fan speed control
Built-in constant current limiting circuit
Built-in fan speed control
Remote ON-OFF control(Optional)
LED indicator for power on
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
OVERTEMPERATURE
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
95
5
(TSW1:detectonheatsinkofpowertransistor)
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
SP-200-3.3
SP-200-5
SP-200-7.5
SP-200-12
SP-200-13.5 SP-200-15
SP-200-24
SP-200-27
SP-200-48
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
40A
40A
26.7A
16.7A
14.9A
13.4A
8.4A
7.5A
4.2A
0~40A
0~40A
0~26.7A
0~16.7A
0~14.9A
0~13.4A
0~8.4A
0~7.5A
0~4.2A
132W
200W
200.2W
200.4W
201.1W
201W
201.6W
202.5W
201.6W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
2.0%
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%


Similar Part No. - SP-200-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-200-5 TOTAL-POWER-SP-200-5 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200-5 ASTRODYNE-SP-200-5 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200-5 MEANWELL-SP-200-5 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-200-5 RSG-SP-200-5 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200-5 MEANWELL-SP-200-5 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
More results

Similar Description - SP-200-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com