Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDZ5V6 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDZ5V6
Description  Small Signal Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ5V6 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDZ5V6 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ5V6 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ5V6 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ5V6 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ5V6 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 25-NOV-10
KSD-D5C063-000
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power dissipation
1)
PD
200
mW
Maximum operating junction temperature
TJ
150
C
Storage temperature range
Tstg
-55
℃ to +150C
C
Operating junction temperature range
Topr
-55
℃ to +150C
C
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient
1)
Rth(j-a)
625
C/W
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Zener voltage
VZ
IZ = 5mA
5.35
5.6
5.85
V
Dynamic impedance
ZZT
IZ = 5mA
-
-
25
KNEE dynamic impedance
ZZK
IZ = 0.25mA
-
-
1800
Reverse leakage current
IR
VR = 3V
-
-
2
uA
SDZ5V6


Similar Part No. - SDZ5V6

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDZ5V6AWA AUK-SDZ5V6AWA Datasheet
112Kb / 3P
   ESD Protection Diode
logo
KODENSHI_AUK CORP.
SDZ5V6AWA KODENSHI-SDZ5V6AWA Datasheet
163Kb / 5P
   ESD Protection Zener Diode
SDZ5V6CG KODENSHI-SDZ5V6CG Datasheet
272Kb / 5P
   Small Signal Zener Diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
   Zener Diode
logo
KODENSHI_AUK CORP.
SDZ5V6D KODENSHI-SDZ5V6D Datasheet
148Kb / 5P
   Small Signal Zener Diode
More results

Similar Description - SDZ5V6

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDZ3V0Q KODENSHI-SDZ3V0Q_18 Datasheet
171Kb / 5P
   Small Signal Zener Diode
SDZ6V2Z KODENSHI-SDZ6V2Z Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8 KODENSHI-SDZ6V8 Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V8D KODENSHI-SDZ6V8D Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8WA KODENSHI-SDZ6V8WA Datasheet
147Kb / 5P
   Small Signal Zener Diode
SDZ18VG KODENSHI-SDZ18VG Datasheet
260Kb / 5P
   Small Signal Zener Diode
SDZ24V KODENSHI-SDZ24V Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V2D KODENSHI-SDZ6V2D Datasheet
149Kb / 5P
   Small Signal Zener Diode
SDZ6V2F KODENSHI-SDZ6V2F Datasheet
161Kb / 5P
   Small Signal Zener Diode
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
151Kb / 5P
   Small Signal Zener Diode
SDZ5V1D KODENSHI-SDZ5V1D Datasheet
160Kb / 5P
   Small Signal Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com