Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA02C-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPA02C-12
Description  2W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPA02C-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPA02C-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2:1 wide input range
4:1 wide input range (Option)
1000VDC I/O isolation
3000VDC I/O isolation (Option)
Built-in remote ON/OFF control
Built-in EMI filter
Protections: Short circuit / Overload
Cooling by free air convection
Single in line package
100% full load burn-in test
Low cost / High reliability
Modified models available: output 3.3V/9V
2 years warranty
SPECIFICATION
FileName:SPA02-SPEC2011-03-08
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
REMOTECONTROL
DIMENSION
OTHERS
NOTE
WEIGHT
FILTER
PROTECTION
VOLTAGE ACCURACY
E:4.5~9VDC
A:9~18VDCB:18~36VDCC:36~72VDC
100KHzmin.
2.0%
0.5%
0.5%
60mVp-p
2W
1.8W
60mVp-p
2W
1.8W
60mVp-p
2W
40~400mA
15~150mA
12~120mA
17~167mA
13~133mA
5V
12V
15V
SPA02E-05 SPA02A-05 SPA02B-05 SPA02C-05 SPA02E-12 SPA02A-12 SPA02B-12 SPA02C-12 SPA02E-15 SPA02A-15 SPA02B-15 SPA02C-15
E:600mA
A:225mA B:115mA
C:60mA
E:50mA
A:25mA
B:15mA
C:8mA
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
600Khrsmin.MIL-HDBK-217F(25
)
PowerON:R.C.~+Vin<1VDCoropen;PowerOFF:R.C.~+Vin>4VDCorshort
-40~+85
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
21.8*
*
mmor0.86"*
"*
"inch
9.2 11.1
0.36 0.44
(L*W*H)
4.8g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
71%
76%
76%
74%
74%
80%
80%
82%
76%
80%
80%
78%
Fullload
Noload
Pinetwork
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Features :
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
OVERLOAD
SHORTCIRCUIT
150~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
100
Ta(
)
-40
0
25
50
85
70
50
100
P i nN o .
O u t p u t
1
2
3
5
6
7
8
- V i n
+ V i n
R . C .
N . C .
+ Vo u t
- Vo u t
N . C .
2WDC-DCRegulatedSingleOutputConverter
S PA 0 2 series
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8lightindustrylevel,criteria A
PROTECTION
Fuserecommended
FRONT VIEW
21.8(0.86)
1 2 3
5 6 7 8
2.54(0.1)
5.08
(0.2)
17.78(0.7)
3.81 0.5(0.15)
0.5
(0.02)
0.5 0.05(0.02)
BOTTOMVIEW
2.01(0.08)
3.2(0.13)


Similar Part No. - SPA02C-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPA02C-12 MEANWELL-SPA02C-12 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
More results

Similar Description - SPA02C-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Power Systems GmbH+Co.K...
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
SPU02 MEANWELL-SPU02 Datasheet
167Kb / 1P
   2W DC-DC Unregulated Single Output Converter
logo
Microdc power Technolog...
2A-YJD MICRODC-2A-YJD Datasheet
747Kb / 6P
   2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com