Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPR01O-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPR01O-15
Description  1W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPR01O-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPR01O-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1000VDC I/O isolation
Internal SMD technology
Built-in EMI filter
Cooling by free air convection
Non-conductive plastic case
Single in line package
100% burn-in test
Low cost / High reliability
Approvals: FCC / CE
2 years warranty
SPECIFICATION
SELECTIONGUIDE
FileName:SPR01-SPEC 2011-04-25
SPR01L-05
57%
0~200mA
5V
SPR01M-05
65%
ORDERNO.
DCOUTPUTVOLTAGE
DCOUTPUTVOLTAGE
OUTPUTCURRENTRANGE
OUTPUTCURRENTRANGE
EFFICIENCY
EFFICIENCY
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
LINEREGULATION
LOADREGULATION
Note.3
SWITCHINGFREQUENCY
NORMAL VOLTAGE
INPUTCURRENT
INPUT
(Note.4)
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
FILTER
SHORTCIRCUIT
PROTECTION
VOLTAGE ACCURACY
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
700khrsmin.MIL-HDBK-217F(25
)
-25~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-25~+105
,10~95%RH
0.03%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
19.6*7.1*10.2mmor0.77"*0.28"*0.40"inch (L*W*H)
2.3g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Load regulation is measured from 10% to 100% rated load.
4.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
Fullload
Noload
Capacitortype
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
SPR01N-12
SPR01O-12
SPR01L-15
60%
0~67mA
15V
SPR01M-15
SPR01N-15
SPR01O-15
58%
35mA
6mA
48V
S
01L-12
PR
SPR01M-12
60%
ORDERNO.
60%
67mA
10mA
24V
35mA
6mA
48V
350mA
32mA
62%
141mA
15mA
12V
60%
67mA
10mA
24V
58%
0~84mA
12V
350mA
32mA
5V
VOLTAGERANGE
43.2~52.8V
21.6~26.4V
43.2~52.8V
4.5~5.5V
10.8~13.2V
21.6~26.4V
4.5~5.5V
50KHzmin.
2.0%(Typ.)
3.0%(max.)
1.0%
1.0%
100mVp-p
1W
10.8~13.2V
141mA
15mA
12V
BOTTOMVIEW
FRONT VIEW
19.6(0.77)
5.08 5.08
(0.20) (0.20)
2.2
(0.09)
2.54
(0.10)
3.81(0.15)
7.1(0.28)
0.5(0.02)
0.5(0.02)
1246
1.2(0.05)
1WDC-DCRegulatedSingleOutputConverter
S P R 0 1 series
Features :
Ta(
)
-25
0
25
50
71
60
80
100
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Output
+Vin
-Vin
-Vout
+Vout
PinNo.
1
2
4
6
100
SPR01N-05
62%
SPR01O-05
62%
SPR01L-09
57%
0~100mA
9V
SPR01M-09
60%
SPR01N-09
60%
SPR01O-09
56%
58%
5V
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
PROTECTION
Fuserecommended
>110%ratedoutputpower
Alloutputequippedwithshortcircuit


Similar Part No. - SPR01O-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPR01O-15 MEANWELL-SPR01O-15 Datasheet
159Kb / 1P
   1W DC-DC Regulated Single Output Converter
More results

Similar Description - SPR01O-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPR01 MEANWELL-SPR01 Datasheet
159Kb / 1P
   1W DC-DC Regulated Single Output Converter
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
   1W DC-DC Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
1T8W GAPTEC-1T8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1D8W GAPTEC-1D8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com