Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SRS
Description  0.5W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SRS Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SRS_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1000VDC I/O isolation
Internal SMD technology
Built-in EMI filter
Cooling by free air convection
Non-conductive plastic case
Dual in line package
SIP packge is available
100% burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
SELECTIONGUIDE
FileName:SRS-SPEC 2010-06-28
SRS-0505
60%
0~100mA
5V
SRS-1205
ORDERNO.
DCVOLTAGE
CURRENTRANGE
EFFICIENCY (TYP.)
RATEDPOWER
OUTPUT
OUTPUT
OUTPUT
SWITCHINGFREQUENCY
NORMAL VOLTAGE
INPUTCURRENT
INPUT
(Note.4)
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
FILTER
SHORTCIRCUIT
PROTECTION
150~350%ratedoutputpower
Alloutputequippedwithshortcircuit
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
600khrsmin.MIL-HDBK-217F(25
)
-25~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-25~+105
,10~95%RH
0.03%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
22.6*9.9*8.4mmor0.89"*0.39"*0.33"inch (L*W*H)
3.1g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Load regulation is measured from 10% to 100% rated load.
4.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
Fullload
Noload
Capacitortype
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
9.9(0.39)
161
116
107
98
7.62(0.30)
3.81(0.15)
0.5(0.02)
2.54(0.10)
8.4(0.33)
BOTTOM
VIEW
Output
+Vin
-Vout
+Vout
-Vin
PinNo.
1&16
6&11
7&10
8&9
SRS-2412
SRS-4812
SRS-0515
60%
0~34mA
15V
SRS-1215
SRS-2415
SRS-4815
48V
SRS-0512
60%
SRS-1212
ORDERNO.
DCVOLTAGE
CURRENTRANGE
EFFICIENCY (TYP.)
36mA
36mA
9mA
9mA
24V
19mA
19mA
5mA
5mA
48V
5V
12V
24V
0~42mA
12V
175mA
175mA
37mA
37mA
5V
VOLTAGERANGE
43.2~52.8V
21.6~26.4V
43.2~52.8V
4.5~5.5V
10.8~13.2V
21.6~26.4V
4.5~5.5V
50KHzmin.
1.0%
1.0%
2.0%(Typ.)
3.0%(max.)
100mVp-p
0.5W
10.8~13.2V
72mA
72mA
15mA
15mA
12V
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Ta(
)
-25
0
25
50
71
60
80
100
100
SRS-2405
SRS-4805
SRS-0509
60%
0~56mA
9V
SRS-1209
SRS-2409
SRS-4809
0.5WDC-DCRegulatedSingleOutputConverter
S R S series
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
LOADREGULATION
Note.3
VOLTAGE ACCURACY
PROTECTION
Fuserecommended


Similar Part No. - SRS_10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SRS8100 SECOS-SRS8100 Datasheet
169Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
SRS8100 SECOS-SRS8100_15 Datasheet
169Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SRS_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SRS MEANWELL-SRS Datasheet
159Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
logo
RSG Electronic Componen...
DS3-XX05-L RSG-DS3-XX05-L Datasheet
59Kb / 1P
   Single output regulated DC/DC converters 0.5W
logo
MORNSUN Science& Techno...
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
   8W DC-DC Regulated Single Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA40 MEANWELL-SKA40 Datasheet
214Kb / 1P
   40W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com