Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUS01M-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SUS01M-15
Description  1W DC-DC Unregulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SUS01M-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SUS01M-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1000VDC I/O isolation
Internal SMD technology
Built-in EMI filter
Cooling by free air convection
Non-conductive plastic case
Dual in line package
100% burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
SELECTIONGUIDE
FileName:SUS01-SPEC 2011-04-25
SUS01L-05
73%
0~200mA
5V
SUS01M-05
74%
ORDERNO.
DCOUTPUTVOLTAGE
OUTPUTCURRENTRANGE
EFFICIENCY
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
NORMAL VOLTAGE
INPUTCURRENT
INPUT
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
FILTER
SHORTCIRCUIT
PROTECTION
Momentary
Momentary
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
700khrsmin.MIL-HDBK-217F(25
)
-25~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-25~+105
,10~95%RH
0.03%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
22.6*9.9*8.4mmor0.89"*0.39"*0.33"inch (L*W*H)
3.1g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
Fullload
Noload
Capacitortype
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
SUS01N-12
SUS01O-12
SUS01L-15
SUS01M-15
SUS01N-15
SUS01O-15
83%
28mA
SUS01L-12
SUS01M-12
ORDERNO.
DCOUTPUTVOLTAGE
OUTPUTCURRENTRANGE
EFFICIENCY
83%
55mA
10mA
24V
83%
28mA
3mA
48V
79%
0~67mA
15V
280mA
21mA
82%
112mA
11mA
12V
83%
55mA
10mA
24V
78%
0~84mA
12V
280mA
21mA
5V
82%
VOLTAGERANGE
43.2~52.8V
21.6~26.4V
43.2~52.8V
4.5~5.5V
10.8~13.2V
21.6~26.4V
4.5~5.5V
50KHzmin.
2.0%
8.0%
1.2%for1%inputvariation
100mVp-p
1W
10.8~13.2V
112mA
11mA
12V
Features :
Protectiontype:Broken
Protectiontype: Broken
9.9(0.39)
161
116
107
98
7.62(0.30)
3.81(0.15)
2.54(0.10)
8.4(0.33)
BOTTOM
VIEW
Output
+Vin
-Vout
+Vout
-Vin
PinNo.
1&16
6&11
7&10
8&9
Ta(
)
-25
0
25
50
71
60
80
100
100
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGE ACCURACY
1WDC-DCUnregulatedSingleOutputConverter
S U S 0 1 series
SUS01N-05
72%
SUS01O-05
74%
SUS01L-09
75%
0~111mA
9V
SUS01M-09
79%
SUS01N-09
80%
SUS01O-09
77%
3mA
48V
5V
0.5(0.02)
PROTECTION
Fuserecommended


Similar Part No. - SUS01M-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SUS01M-15 MEANWELL-SUS01M-15 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results

Similar Description - SUS01M-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01_08 Datasheet
268Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMA01 MEANWELL-SMA01 Datasheet
52Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU01L-05 MEANWELL-SMU01L-05 Datasheet
189Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01_09 Datasheet
212Kb / 1P
   1W DC-DC Unregulated Single Output Converter
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com