Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1548 Datasheet HTML 1Page - Semtech Corporation SC1548 Datasheet HTML 2Page - Semtech Corporation SC1548 Datasheet HTML 3Page - Semtech Corporation SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.semtech.com
SC1548
Linear Fet Controller
POWER MANAGEMENT
Revision 1, January 2001
Typical Application Circuit
The SC1548 is a power supply controller designed to
provide a simple single regulated power supply with over
current protection. It is part of Semtech’s SmartLDO™
family of products. The SC1548 can provide a 1.818V
power supply for the I/O plane or 1.515V for GTL+ / AGP
from either 3.3V or 2.5V. An adjustable option allows
generation and control of any voltage from 1.263V up to
5V.
SC1548 features include tight output voltage regulation,
an enable control and over current protection. Over
current protection is provided by feedback to the sense
pin. If the output drops below 50% of the nominal
output voltage (typical) for greater than 4ms (typical), the
output will be shut down.
The SC1548 is available in a tiny 5-pin SOT-23 surface
mount package.
u Motherboards
u Graphics cards
u Microcontrollers
u Simple power supplies
u ± 2.5% output accuracy over line, load and
temperature
u 1.515V, 1.818V and adjustable output voltage
options available
u Enable control
u Over current protection
u 5-pin SOT-23 package
1.818V OUT
3.3V IN
12V IN
ENABLE
Q1
IRL530N
C4
0.1uF
+
C1
100uF
+
C2
100uF
+
C3
22uF
U1
SC1548CSK-1.8
1
2
3
4
5
SNS
GND
DRV
IN
EN
Adjustable Output Voltage Version
2.5V OUT
3.3V IN
12V IN
ENABLE
Q1
IRL530N
C4
0.1uF
+
C1
100uF
+
C2
100uF
+
C3
22uF
R1
97.6
R2
100
U1
SC1548CSK
1
2
3
4
5
ADJ
GND
DRV
IN
EN
Fixed Output Voltage Versions
Description
Features
Applications


Similar Part No. - SC1548

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548CSK-X.XTR SEMTECH-SC1548CSK-X.XTR Datasheet
266Kb / 14P
   Linear FET Controller
SC1548CSKTRT SEMTECH-SC1548CSKTRT Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
More results

Similar Description - SC1548

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
Semtech Corporation
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
   Linear FET Controller For DDR Supplies
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com