Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YP-350A-EU Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # YP-350A-EU
Description  250WATX PC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

YP-350A-EU Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  YP-350A-EU Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. YP-350A-EU Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. YP-350A-EU Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. YP-350A-EU Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
FileName: YP-350A-AA-SPEC2009-03-30
Unit:mm
(A)24Pin ATXmainpowerconnector(or20+4pin)
Type:MOLEX39-01-2240orequivalent
(C)Serial ATA connector
Type:MOLEX88751orequivalent
(E)Floppydriveconnector
Type: AMP 171822-4orequivalent
(B)+12Vpowerconnector
Type:MOLEX39-01-2040orequivalent
(D)Peripheralconnector
Type:MOLEX8981-04P orequivalent
( A )
(D)
(D)
(E)
(B)
(C)
(D)
(D)
(E)
(D)
230
6#-32UND(4X)
6.0MMMAXDEEP
AC
INPUT
CONNECTOR
118.5
52.4
138
114
250W ATXPCPowerSupply
Y P - 3 5 0 A - A A


Similar Part No. - YP-350A-EU

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
YP-350A-AA MEANWELL-YP-350A-AA Datasheet
460Kb / 2P
   250WATX 12V PC Power Supply
More results

Similar Description - YP-350A-EU

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
YP-350A-AA MEANWELL-YP-350A-AA Datasheet
460Kb / 2P
   250WATX 12V PC Power Supply
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
   PC POWER SUPPLY SUPERVISOR
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
3515A UTC-3515A Datasheet
239Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Mean Well Enterprises C...
YP-400A-AA MEANWELL-YP-400A-AA Datasheet
987Kb / 4P
   300WATX PC Power Supply
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com