Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YP-450A-EU Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # YP-450A-EU
Description  350WATX PC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

YP-450A-EU Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  YP-450A-EU Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. YP-450A-EU Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. YP-450A-EU Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. YP-450A-EU Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COOLING
Forcedairventilationby8cmDCfan
SPECIFICATION
DCVOLTAGE
MINIMUMCURRENT
RATEDCURRENT
MAXIMUMCURRENT
COMBINELOAD
RATEDPOWER(max.)
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
LOADREGULATION
Note.3
HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT (max.)
POWERGOODSIGNAL
POWERFAIL SIGNAL
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
CONNECTOR
OTHERS
NOTE
PROTECTION
ACCURRENT
3.3V
5V
12V1
12V2
-5V
-12V
5VSB
2A
15A
22A
2A
14A
21A
1A
7A
10A
1A
10A
15A
0.1A
0.1A
0.3A
0.8A
0.3A
0.8A
0A
2.0A
2.0A
350W
OUTPUT
+3.3V,+5V,+12V330Wmax.
+3.3V,+5V130Wmax.
50mVp-p
50mVp-p
120mVp-p
120mVp-p
50mVp-p
120mVp-p
50mVp-p
1.0%
1.0%
1.0%
1.0%
2.0%
2.0%
1.0%
5.0%
5.0%
5.0%
5.0%
10%
10%
5.0%
8msmin.atfullload
103~132VAC/206~264VACselectedbyswitch
47~63Hz
70%
3.5mA /240VAC
-10~+35
20~90%RHnon-condensing
The TTL compatiblesignaloutwith100msto500msdelayafterpowersetup
The TTL compatiblesignalwillgodownatleast1msbefore+5Vbelow4.75V
-20~+85
,10~95%RH
0.05%/
(0~50
)
10~200Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
ATXmainpowerconnector*1ea;+12Vpowerconnector*1ea;Serial ATA connector*1ea
Peripheralpowerconnector*5ea;Floppydrivepowerconnector*2ea
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Load regulation is measured from 20% to 100% max. Load.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FUNCTION
PS-ONINPUTSIGNAL
Poweron:PS-ON="Low"or"<0.8V";Poweroff:PS-ON="Hi"or">2V"
350W ATXPCPowerSupply
Y P - 4 5 0 A - A A
AC input range selected by switch
With +5VSB:0 ~ 2.0A max.
Power good signal output
Power fail signal output
Power ON-OFF switch
High efficiency / Low cost
Forced air cooling by built-in DC fan
100% full load burn-in test
Approvals: CSA / FCC
1 year warranty
Features :
EMICONDUCTION&RADIATION
8.0A /115VAC4.5A /230VAC
40A /115VAC80A /230VAC
OVERLOAD
SHORTCIRCUIT
OVERVOLTAGE
105~180% ratedoutputpower
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
+3.3V,+5V,+12V +12V
1,
2
:110%~130%ofratedvoltage
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Alloutputequippedwithshortcircuit
Protectiontype:Shutdowno/pvoltage, re-powerontorecover
YP-450A-AA
ORDERNO.
CHANNEL
SAFETY MODEL NO.
CH1
YP-450-A
CH2
CH3
CH4
CH5
CH6
STANDBY
R
CSA(C22.260950,UL60950)approved
PACKING
1.1kg;12pcs/16kg/CARTON
DIMENSION
150*140*86mm(L*W*H)
ISOLATIONRESISTANCE
I/P-O/P
:50MOhms/500VDC
,I/P-FG
/25
/70%RH
WITHSTANDVOLTAGE
I/P-O/P
:1.5KVAC
,I/P-FG
MTBF
100Khrsmin.MIL-HDBK-217F(25
)
CompliancetoFCCpart15classB
FileName: YP-450A-AA-SPEC 2009-03-30


Similar Part No. - YP-450A-EU

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
YP-400A-AA MEANWELL-YP-400A-AA Datasheet
987Kb / 4P
   300WATX PC Power Supply
YP-400A-EU MEANWELL-YP-400A-EU Datasheet
987Kb / 4P
   300WATX PC Power Supply
logo
HuaXinAn Electronics CO...
YP-401M HUAXINAN-YP-401M Datasheet
318Kb / 6P
   Surge Absorbers
YP-471M HUAXINAN-YP-471M Datasheet
318Kb / 6P
   Surge Absorbers
More results

Similar Description - YP-450A-EU

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
   PC POWER SUPPLY SUPERVISOR
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
3515A UTC-3515A Datasheet
239Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Mean Well Enterprises C...
YP-350A-AA MEANWELL-YP-350A-AA_09 Datasheet
903Kb / 4P
   250WATX PC Power Supply
YP-400A-AA MEANWELL-YP-400A-AA Datasheet
987Kb / 4P
   300WATX PC Power Supply
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com