Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4334 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # M4334
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334 Datasheet(HTML) 9 Page - Unisonic Technologies

  M4334 Datasheet HTML 1Page - Unisonic Technologies M4334 Datasheet HTML 2Page - Unisonic Technologies M4334 Datasheet HTML 3Page - Unisonic Technologies M4334 Datasheet HTML 4Page - Unisonic Technologies M4334 Datasheet HTML 5Page - Unisonic Technologies M4334 Datasheet HTML 6Page - Unisonic Technologies M4334 Datasheet HTML 7Page - Unisonic Technologies M4334 Datasheet HTML 8Page - Unisonic Technologies M4334 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M4334
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-441A
SYSTEM CLOCK
The M4334 accepts data at standard audio sample rates including 48, 44.1 and 32 kHz in BRM and 96, 88.2
and 64 kHz in HRM. The LRCK chooses the channel and delineation of data, and the SCLK clocks audio data into
the input data buffer.
MCLK
MCLK must be either 256x, 384x or 512x the desired input sample rate in BRM and either 128x or 192x the
desired input sample rate in HRM. The LRCK frequency is equal to Fs, the frequency at which words for each
channel are input to the device. The MCLK-to-LRCK frequency ratio is detected automatically during the initialization
sequence by counting the number of MCLK transitions during a single LRCK period. Internal dividers are set to
generate the proper clocks. The MCLK, LRCK and SCLK must be synchronous. Table 1 illustrates several standard
audio sample rates and the required MCLK and LRCK frequencies.
MCLK(MHz)
HRM
BRM
LRCK(kHz)
128x
192x
256x
384x
512x
32
4.0960
6.1440
8.1920
12.2880
16.3840
44.1
5.6448
8.4672
11.2896
16.9344
22.5792
48
6.1440
9.2160
12.2880
18.4320
24.5760
64
8.1920
12.2880
88.2
11.2896
16.9344
96
12.2880
18.4320
Table 1. Common Clock Frequencies
SCLK
The SCLK controls the shifting of data into the input data buffers. The M4334 supports both internal and
external SCLK generation modes.
Internal SCLK Mode
In the Internal SCLK Mode, the SCLK is internally derived and synchronous with MCLK and LRCK. The
SCLK/LRCK frequency ratio is either 32, 48, or 64 depending upon data format. Operation in this mode is identical to
operation w- ith an external SCLK synchronized with LRCK. This mode allows access to the digital de-emphasis
function.
While the Internal SCLK Mode is provided to allow access to the de-emphasis filter, the Internal SCLK Mode
also eliminates possible clock interference from an external SCLK.
External SCLK Mode
The M4334 will enter the external SCLK mode when 16 low to high transitions are detected on the DEM/SCLK
pin during any phase of the LRCK period. When this mode is enabled, the Internal SCLK Mode and de-emphasis
filter cannot be accessed. The M4334 will switch to Internal SCLK Mode if no low to high transitions are detected on
the DEM/SCLK pin for 2 consecutive frames of LRCK.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M4334

ManufacturerPart #DatasheetDescription
logo
Heyco.
M4334 HEYCO-M4334 Datasheet
302Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Unisonic Technologies
M4334G-S08-R UTC-M4334G-S08-R Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
More results

Similar Description - M4334

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Burr-Brown (TI)
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
[Old version datasheet]   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Asahi Kasei Microsystem...
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com