Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494G-D16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL494G-D16-T
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL494G-D16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TL494G-D16-T Datasheet HTML 1Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 2Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 3Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 4Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 5Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 6Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-004,F
ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range, VCC=15V, f=1kHz, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Reference Section
Output Voltage
VOUT
IOUT=1mA
4.75
5
5.25
V
Input Regulation
VIN
VCC=7V ~ 40V
2
25
mV
Output Regulation
VOUT
IOUT=1 ~ 10mA
1
15
mV
Output Voltage Change with Temperature
ΔTa=MIN ~ MAX(note 2)
0.2
1
%
Short-Circuit Output Current
IO(SC)
VREF=0
35
mA
Oscillator Section
Frequency
F
CT=0.01μF, RT=12kΩ
10
kHz
Standard Deviation of Frequency
All Values of VCC CT, RT, TA
constant
10
%
Frequency Change with Voltage
VCC=7V ~ 40V,Ta=25°C
0.1
%
Frequency Change with Temperature
CT=0.01μF, RT=12kΩ,
ΔTa=MIN ~ MAX
12
%
Amplifier Section
Input Offset Voltage
Error
VI(OFF)
VOUT (pin 3)=2.5V
2
10
mV
Input Offset Current
II(OFF)
VOUT (pin 3)=2.5V
25
250
nA
Input Bias Current
II(BIAS)
VOUT (pin 3)=2.5V
0.2
1
μA
Common-Mode Input Voltage Range Error
VCC=7V ~ 40 V
-0.3 ~
Vcc-2
V
Open-Loop Voltage Amplification
ΔV
OUT=3V, VOUT=0.5V ~ 3.5V
70
95
dB
Unity-Gain Bandwidth
GBW
800
kHz
Common-Mode Rejection Ratio
Error
CMRR
VCC=40V,TA=25°C
65
80
dB
Output Sink Current(pin 3)
IO(SINK)
VID=-15mV ~ -5V
V(pin 3)=0.5V
0.3
0.7
mA
Output source Current(pin 3)
IO(SOURCE) VID=15mV ~ -5V, V(pin 3)=3.5V
-2
mA
Output Section
Collector off-state current
IC(OFF)
VCE=40V, VCC=40V
2
100
μA
Emitter off-state Current
IE(OFF)
VCC=VC=40V, VE=0
-100
μA
Common-emitter
VE=0, IC=200mA
1.1
1.3
V
Collector -emitter
Saturation Voltage
Emitter-Follower
VC=15V, IE=-200mA
1.5
2.5
Output Control Input Current
VIN=VREF
3.5
mA
Dead Time Control Section
Input bias (pin 4)
II(BIAS)
VIN=0 ~ 5.25V
-2
-10
μA
Maximum duty cycle, each output
VIN(pin 40)=0
45
%
Input threshold Voltage(pin 4)
VTHR
Zero duty Cycle
3
3.3
V
Maximum duty cycle
0
PWM comparator Section
Input Threshold Voltage(pin 3)
VTHR
Zero Duty cycle
4
4.5
V
Input Sink Current (pin 3)
II(SINK)
V(pin 3)= 0.7V
0.3
0.7
mA
Total Device
VCC =15V
6
10
mA
Standby Supply Current
VCC =40V
IST-BY
pin 6 at VREF, all other Inputs and
outputs open
9
15
Average supply current
V(pin 4)=2V
7.5
mA
Switching Characteristics, Ta=25
°C
Output Voltage Rise Time
tR
100
200
ns
Output Voltage Fall Time
tF
Common-emitter configuration
25
100
ns
Output Voltage Rise Time
tR
100
200
ns
Output Voltage Fall Time
tF
Emitter-follower configuration
40
100
ns
Note 1:All typical Values except for temperature coefficient are at Ta=25
°C.
Note 2:For conditions shown as MIN or MAX, use appropriate value under recommended operating conditions.
Note 3:Duration of the short-circuit should not exceed one second.
Note 4:Standard deviation is a measure of the statistical distribution the mean as derived from the formula:


Similar Part No. - TL494G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494G-D16-T UTC-TL494G-D16-T Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494G-D16-T UTC-TL494G-D16-T Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494G-D16-T UTC-TL494G-D16-T Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
More results

Similar Description - TL494G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_13 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
   Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com