Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2043 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TS2043
Description  TOUCH PANEL CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS2043 Datasheet(HTML) 7 Page - Unisonic Technologies

  TS2043 Datasheet HTML 1Page - Unisonic Technologies TS2043 Datasheet HTML 2Page - Unisonic Technologies TS2043 Datasheet HTML 3Page - Unisonic Technologies TS2043 Datasheet HTML 4Page - Unisonic Technologies TS2043 Datasheet HTML 5Page - Unisonic Technologies TS2043 Datasheet HTML 6Page - Unisonic Technologies TS2043 Datasheet HTML 7Page - Unisonic Technologies TS2043 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS2043
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-404.a
APPLICATION INFORMATION(Cont.)
Serial Interface
Once a falling signal applies on /CS pin (active in low), the operation is initiated. After /CS falls, the UTC
TS2043
begins to look for a start bit on the DIN input. At the end of the operation the /CS pin should be pulled high,
which minimizes supply current if DCLK is left running.
Control Byte
The first eight clock cycles provides the control byte on DIN pin. (See Table I and Table II for more information).
The control byte represents the start operation, addressing, resolution, and power down information.
Table I. Control Bits in the Control Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Start
A2
A1
A0
Mode1
Mode0
PD1
PD0
Table II. Description of the Control Bits
BIT
NAME
DESCRIPTION
7
Start
Start Bit.
6,5,4
A2,A1,A0
Input Channel Select Bits.
3,2
Mode1
Mode0
12-Bit / 8-Bit Conversion
Configuration Bit.
1,0
PD1,PD0
Power Down Control Bits
Start Bit – Initiate Start
The control byte starts with the first high bit on DIN. The first bit must always be logic high (1) to initiate the start
of the conversion. The UTC TS2043 will not start until the start bit is detected.
Addressing Bits – Input Channel Selection
The next three bits on control byte are addressing bits (A2, A1, A0), which select the active input channel of the
input multiplexer, and touch panel drivers. (See Table III for more information).
Table III. Input Channel Configuration
A2
A1
Input
Channel
X Switch
Y Switch
Reference
0
0
X+
OFF
ON
VREF
1
0
Y+
ON
OFF
VREF
0
1
IN3
OFF
OFF
VREF
1
1
IN4
OFF
OFF
VREF
Mode Bits – Conversion Resolution Configuration
The Mode bits (Mode1, Mode0) set the resolution of this device. With the Mode1 bit LOW (0), the following
conversion will have 12 bits of resolution. With the Mode1 bit HIGH (1) the following conversion will have 8 bits of
resolution. (See Table IV for more information.)
Table IV. Resolution Configuration
Mode1
Mode0
DESCRIPTION
0
1
12bits Resolution
0
0
12bits Resolution
1
1
8bits Resolution
1
0
8bits Resolution
PD0 and PD1 Bits - Power Down Control
The last two bits are PD1 and PD0 bits, which control the power down mode of the UTC TS2043. Through
applying a same logic high(1) this device enters a power-up mode, while enters a power-down mode by a same
logic low (0) on PD1 and PD0 bits.(See Table V for more information).
Table V. Power-Down Selection
PD1
PD0
PENIRQ
DESCRIPTION
0
0
Enable
Power-Down between conversions. Y- switch is on.
0
1
Disable
Power-Down between conversions. Y- switch is off. /PENIRQ is disabled
1
0
Disable
No used.
1
1
Disable
No Power-Down between conversions.


Similar Part No. - TS2043

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TS204R TRSYS-TS204R Datasheet
163Kb / 2P
   FAST SWITCHIING RECTIFIER(Reverse Voltage - 50 to 1000 Volts, Current - 2.0Ampere)
More results

Similar Description - TS2043

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
   True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
   True Multi-Touch Capacitive Touch Panel Controller
FT6X06 ETC2-FT6X06 Datasheet
736Kb / 27P
   Self-Capacitive Touch Panel Controller
logo
Vishay Siliconix
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
List of Unclassifed Man...
FT6336G ETC1-FT6336G Datasheet
437Kb / 12P
   Self-Capacitive Touch Panel Controller
AR7643 ETC1-AR7643 Datasheet
789Kb / 3P
   12-bit Touch Panel Controller IC
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com