Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3750 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3750
Description  600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3750 Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3750 Datasheet HTML 1Page - Unisonic Technologies UC3750 Datasheet HTML 2Page - Unisonic Technologies UC3750 Datasheet HTML 3Page - Unisonic Technologies UC3750 Datasheet HTML 4Page - Unisonic Technologies UC3750 Datasheet HTML 5Page - Unisonic Technologies UC3750 Datasheet HTML 6Page - Unisonic Technologies UC3750 Datasheet HTML 7Page - Unisonic Technologies UC3750 Datasheet HTML 8Page - Unisonic Technologies UC3750 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UC3750
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-360.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
27: 2.7V
33: 3.3V
32
1
UFXXG
5
4
Voltage Code
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CE
Chip Enable pin, active high (internal pull-up current source). By connecting this pin to
GND, the switching operation of the controller will be stopped.
2
GND
Ground Connection
3
VOUT
Output voltage monitoring input. This pin must be connected to the regulated output
node as a feedback to on-chip control circuitry. VOUT is internally connected to the
on-chip voltage divider that determines the output voltage level.
4
EXT
Gate drive for external P-MOSFET.
5
VIN
Power supply input


Similar Part No. - UC3750

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750G-XX-AF5-R UTC-UC3750G-XX-AF5-R Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750L-XX-AF5-R UTC-UC3750L-XX-AF5-R Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results

Similar Description - UC3750

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com