Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC12AT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1.5SMC12AT3G
Description  Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5SMC12AT3G Datasheet(HTML) 2 Page - ON Semiconductor

  1.5SMC12AT3G Datasheet HTML 1Page - ON Semiconductor 1.5SMC12AT3G Datasheet HTML 2Page - ON Semiconductor 1.5SMC12AT3G Datasheet HTML 3Page - ON Semiconductor 1.5SMC12AT3G Datasheet HTML 4Page - ON Semiconductor 1.5SMC12AT3G Datasheet HTML 5Page - ON Semiconductor 1.5SMC12AT3G Datasheet HTML 6Page - ON Semiconductor 1.5SMC12AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.5SMC6.8AT3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL = 25°C, Pulse Width = 1 ms
PPK
1500
W
DC Power Dissipation @ TL = 75°C
Measured Zero Lead Length (Note 2)
Derate Above 75°C
Thermal Resistance, Junction−to−Lead
PD
RqJL
4.0
54.6
18.3
W
mW/°C
°C/W
DC Power Dissipation (Note 3) @ TA = 25°C
Derate Above 25°C
Thermal Resistance from Junction−to−Ambient
PD
RqJA
0.75
6.1
165
W
mW/°C
°C/W
Forward Surge Current (Note 4) @ TA = 25°C
IFSM
200
A
Operating and Storage Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 X 1000 ms, non−repetitive
2. 1 in. square copper pad, FR−4 board
3. FR−4 board, using ON Semiconductor minimum recommended footprint, as shown in 403 case outline dimensions spec.
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 5) = 100 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
5. 1/2 sine wave or equivalent, PW = 8.3 ms non−repetitive duty
cycle
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF


Similar Part No. - 1.5SMC12AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC12AT3G ONSEMI-1.5SMC12AT3G Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
1.5SMC12AT3G ONSEMI-1.5SMC12AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Littelfuse
1.5SMC12AT3G LITTELFUSE-1.5SMC12AT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1.5SMC12AT3G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA10CAT3 MOTOROLA-1SMA10CAT3 Datasheet
81Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1N6382 ONSEMI-1N6382 Datasheet
194Kb / 6P
   Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Motorola, Inc
1SMA50AT3 MOTOROLA-1SMA50AT3 Datasheet
88Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMC5.OAT3 ONSEMI-1SMC5.OAT3 Datasheet
73Kb / 8P
   Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com