Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3903RLRM Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3903RLRM
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3903RLRM Datasheet(HTML) 1 Page - ON Semiconductor

  2N3903RLRM Datasheet HTML 1Page - ON Semiconductor 2N3903RLRM Datasheet HTML 2Page - ON Semiconductor 2N3903RLRM Datasheet HTML 3Page - ON Semiconductor 2N3903RLRM Datasheet HTML 4Page - ON Semiconductor 2N3903RLRM Datasheet HTML 5Page - ON Semiconductor 2N3903RLRM Datasheet HTML 6Page - ON Semiconductor 2N3903RLRM Datasheet HTML 7Page - ON Semiconductor 2N3903RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 7
1
Publication Order Number:
2N3903/D
2N3903, 2N3904
General Purpose
Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
40
Vdc
Collector−Base Voltage
VCBO
60
Vdc
Emitter−Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
200
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25°C
PD
625
5.0
mW
mW/°C
Total Device Dissipation
@ TC = 25°C
Derate above 25°C
PD
1.5
12
W
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −55 to +150
°C
THERMAL CHARACTERISTICS (Note 1)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates Data in addition to JEDEC Requirements.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
COLLECTOR
3
2
BASE
1
EMITTER
2N
390x
YWWG
G
x
= 3 or 4
Y
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 1


Similar Part No. - 2N3903RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
More results

Similar Description - 2N3903RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com