Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3903RLRM Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3903RLRM
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3903RLRM Datasheet(HTML) 2 Page - ON Semiconductor

  2N3903RLRM Datasheet HTML 1Page - ON Semiconductor 2N3903RLRM Datasheet HTML 2Page - ON Semiconductor 2N3903RLRM Datasheet HTML 3Page - ON Semiconductor 2N3903RLRM Datasheet HTML 4Page - ON Semiconductor 2N3903RLRM Datasheet HTML 5Page - ON Semiconductor 2N3903RLRM Datasheet HTML 6Page - ON Semiconductor 2N3903RLRM Datasheet HTML 7Page - ON Semiconductor 2N3903RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 2) (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector−Base Breakdown Voltage (IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter−Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
50
nAdc
Collector Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
50
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 2)
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 10 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 50 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 100 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
hFE
20
40
35
70
50
100
30
60
15
30
150
300
Collector−Emitter Saturation Voltage (Note 2)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
0.2
0.3
Vdc
Base −Emitter Saturation Voltage (Note 2)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
2N3903
2N3904
fT
250
300
MHz
Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hie
1.0
1.0
8.0
10
k W
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hre
0.1
0.5
5.0
8.0
X 10−4
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hfe
50
100
200
400
Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
40
mmhos
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 1.0 k W, f = 1.0 kHz)
2N3903
2N3904
NF
6.0
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = 0.5 Vdc,
IC = 10 mAdc, IB1 = 1.0 mAdc)
td
35
ns
Rise Time
tr
35
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc,
2N3903
IB1 = IB2 = 1.0 mAdc)
2N3904
ts
175
200
ns
Fall Time
tf
50
ns
2. Pulse Test: Pulse Width v 300 ms; Duty Cycle v 2%.


Similar Part No. - 2N3903RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
More results

Similar Description - 2N3903RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com