Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3903RLRM Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3903RLRM
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3903RLRM Datasheet(HTML) 4 Page - ON Semiconductor

  2N3903RLRM Datasheet HTML 1Page - ON Semiconductor 2N3903RLRM Datasheet HTML 2Page - ON Semiconductor 2N3903RLRM Datasheet HTML 3Page - ON Semiconductor 2N3903RLRM Datasheet HTML 4Page - ON Semiconductor 2N3903RLRM Datasheet HTML 5Page - ON Semiconductor 2N3903RLRM Datasheet HTML 6Page - ON Semiconductor 2N3903RLRM Datasheet HTML 7Page - ON Semiconductor 2N3903RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
4
Figure 1. Delay and Rise Time Equivalent Test Circuit
Figure 2. Storage and Fall Time Equivalent Test Circuit
+3 V
275
10 k
1N916
CS < 4 pF*
+3 V
275
10 k
CS < 4 pF*
< 1 ns
-0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
-9.1 V
+10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
* Total shunt capacitance of test jig and connectors


Similar Part No. - 2N3903RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3903RLRM ONSEMI-2N3903RLRM Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
More results

Similar Description - 2N3903RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com