Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM606 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM606
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM606 Datasheet(HTML) 4 Page - Unisonic Technologies

  UM606_11 Datasheet HTML 1Page - Unisonic Technologies UM606_11 Datasheet HTML 2Page - Unisonic Technologies UM606_11 Datasheet HTML 3Page - Unisonic Technologies UM606_11 Datasheet HTML 4Page - Unisonic Technologies UM606_11 Datasheet HTML 5Page - Unisonic Technologies UM606_11 Datasheet HTML 6Page - Unisonic Technologies UM606_11 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UM606
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R105-034.D
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 ~ VCC
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+105
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
Junction to Case
θJC
92
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5 ~ 18
V
Operating Temperature
TA
-20 ~ +70
°C
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UM606
1.198
1.21
1.222
Reference Voltage
VREF
UM606D
1.186
1.21
1.234
V
UM606
196
200
204
Current Control Loop Reference
VSENSE
IOUT=2.5mA
UM606D
66.5
70
73.5
mV
UM606
200
Low Output Voltage
VOL
@10mA Sinking Current
UM606D
100
mV
UM606
0.6
1.2
Total Supply Current
ICC
VCC=5V
UM606D
0.5
1.0
mA
Input Bias Current
IIB
50
nA
UM606
25
Current Out of Pin ICTRL
IIBI
@-200mV
UM606D
18
μA
Output Short Circuit Current.
IOS
Output to VCC. Sink Current Only
27
50
mA
Transconduction Gain (VCTRL)
Gmv
Sink Current Only
1
3.5
mA/mV
Transconduction Gain (ICTRL).
Gmi
1.5
7
mA/mV


Similar Part No. - UM606_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM606 UTC-UM606_15 Datasheet
336Kb / 9P
   CONSTANT VOLTAGE
UM606 UTC-UM606_17 Datasheet
274Kb / 8P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - UM606_11

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com