Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF0843G Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGF0843G
Description  High-power GaN HEMT (small signal gain stage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0843G Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGF0843G Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0843G Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0843G Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF0843G Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
< High-power GaN HEMT (small signal gain stage) >
MGF0843G
L to C BAND / 20W
non - matched
Publication Date : May., 2011
2
PRELIMINARY
MGF0843G Example of Circuit Schematic and Charactreistics : f = 2.6 GHz
0.0
0.4
0.8
5 1015 20253035
Pin(dBm)
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
f=2.6GHz
VD=47V
IDQ=180mA
Ta=25deg.
Effi
Gp


Similar Part No. - MGF0843G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0840G MITSUBISHI-MGF0840G Datasheet
119Kb / 4P
   High-power GaN HEMT (small signal gain stage)
MGF0846G MITSUBISHI-MGF0846G Datasheet
119Kb / 4P
   High-power GaN HEMT (small signal gain stage)
More results

Similar Description - MGF0843G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0846G MITSUBISHI-MGF0846G Datasheet
119Kb / 4P
   High-power GaN HEMT (small signal gain stage)
MGF0840G MITSUBISHI-MGF0840G Datasheet
119Kb / 4P
   High-power GaN HEMT (small signal gain stage)
MGF0907B MITSUBISHI-MGF0907B_11 Datasheet
165Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0910A MITSUBISHI-MGF0910A_11 Datasheet
213Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0919A MITSUBISHI-MGF0919A_11 Datasheet
244Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0909A MITSUBISHI-MGF0909A_11 Datasheet
115Kb / 3P
   High-power GaAs FET(small signal gain stage)
MGF0915A MITSUBISHI-MGF0915A_11 Datasheet
114Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0920A MITSUBISHI-MGF0920A_11 Datasheet
111Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0921A MITSUBISHI-MGF0921A_11 Datasheet
220Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0951P MITSUBISHI-MGF0951P_11 Datasheet
273Kb / 6P
   High-power GaAs FET (small signal gain stage)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com