Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG23FT Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG23FT
Description  Photointerrupters(Transmissive)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG23FT Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG23FT Datasheet HTML 1Page - KODENSHI_AUK CORP. SG23FT Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photointerrupters(Transmissive)
The SG23FT Photointerrupter high-performance
standard type, combines high-output GaAs IRED
with high sensitive phototransistor.
Features
·
PWB direct mount type
·
GAP : 3.1mm
·
Double-sided screw-mount
Applications
·
Printers
·
Plotters
·
Robots
Absolute Maximum Ratings
[Ta = 25°C ]
*1. Pulse width tw≤100us period T=10ms
*2. No icebound or dew
*3. For MAX 5 seconds at the position of 1mm from the resin edge
Electro-Optical Characteristics
[Vcc= 5V, Ta = 25°C]
Forward voltage
Reverse current
Peak wavelength
Collector dark current
Light current
C-E saturation Voltage
Rise time
Fall time
-10
µA
Leakage current
ICEOD
IF=20mA, VCE=5V,
shading
-
Conditions
IF=20mA
VR=5V
Min.
-
-
IF=20mA
VCE=10V, 0 lx
IF=20mA, VCE=5V,
Non-shading
IF=20mA, IC=0.1mA
-10
-
940
-
Typ.
Max.
1.2
1.4
-
-
100
0.3
-
10
tr
-
0.15
0.4
-4
-
VCC=5V, IC=2mA,
RL=100Ω
V
µA
nm
-
mA
V
µs
µs
nA
ICE(sat)
IC
ICEO
Output
tf
Transmission
-5
λp
Input
IR
VF
Symbol
SG23FT
Description
Symbol
PD
Unit
mW
Unit.
Operating temp. *2
Storage temp. *2
Soldering temp. *3
Topr.
Tstg.
Tsol.
Input
Collector current
Collector-Emitter voltage
Power dissipation
Forward current
Reverse voltage
Output
IC
VCEO
VECO
Pulse forward current *1
Collector power dissipation
Emitter-Collector voltage
IF
VR
IFP
PC
Ratings
100
60
5
260
1
100
40
30
mA
V
A
mW
Parameter
°C
°C
mA
V
V
°C
5
-20~+85
-30~+85
Dimensions
(Unit : ㎜)
1/2


Similar Part No. - SG23FT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG23FF KODENSHI-SG23FF Datasheet
139Kb / 2P
   Photointerrupters(Transmissive)
SG23FH KODENSHI-SG23FH Datasheet
100Kb / 2P
   PHOTO INTERRUPTERS
SG23FI KODENSHI-SG23FI Datasheet
127Kb / 2P
   PHOTO INTERRUPTERS
SG23FI KODENSHI-SG23FI_08 Datasheet
137Kb / 2P
   Photointerrupters(Transmissive)
More results

Similar Description - SG23FT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG-205 KODENSHI-LG-205 Datasheet
183Kb / 2P
   Photointerrupters(Transmissive)
LG-206 KODENSHI-LG-206 Datasheet
189Kb / 2P
   Photointerrupters(Transmissive)
SG-205 KODENSHI-SG-205 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-226 KODENSHI-SG-226 Datasheet
249Kb / 2P
   Photointerrupters(Transmissive)
SG-233 KODENSHI-SG-233 Datasheet
258Kb / 2P
   Photointerrupters(Transmissive)
SG-244 KODENSHI-SG-244 Datasheet
263Kb / 2P
   Photointerrupters(Transmissive)
SG-248 KODENSHI-SG-248 Datasheet
260Kb / 2P
   Photointerrupters(Transmissive)
SG-256 KODENSHI-SG-256 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-258S KODENSHI-SG-258S Datasheet
276Kb / 2P
   Photointerrupters(Transmissive)
SG402 KODENSHI-SG402 Datasheet
224Kb / 2P
   Photointerrupters(Transmissive)
SG211V KODENSHI-SG211V Datasheet
257Kb / 2P
   Photointerrupters(Transmissive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com