Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC15 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SDC15
Description  TVS Diode Array for ESD Protection of 12V Data & Power Lines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SDC15 Datasheet(HTML) 6 Page - Semtech Corporation

  SDC15 Datasheet HTML 1Page - Semtech Corporation SDC15 Datasheet HTML 2Page - Semtech Corporation SDC15 Datasheet HTML 3Page - Semtech Corporation SDC15 Datasheet HTML 4Page - Semtech Corporation SDC15 Datasheet HTML 5Page - Semtech Corporation SDC15 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SDC15
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
C
T
.
5
1
C
D
SV
8
.
2
10
0
0
,
3h
c
n
I
7
G
T
.
5
1
C
D
SV
8
.
2
10
0
0
,
0
1h
c
n
I
3
1


Similar Part No. - SDC15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC15 SEMTECH-SDC15 Datasheet
146Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
SDC15.TC SEMTECH-SDC15.TC Datasheet
146Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
SDC15.TCT SEMTECH-SDC15.TCT Datasheet
146Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
More results

Similar Description - SDC15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC15 SEMTECH-SDC15_04 Datasheet
146Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Pan Jit International I...
PJSDC15 PANJIT-PJSDC15 Datasheet
241Kb / 4P
   TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Semtech Corporation
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com