Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ432AS Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SJ432AS
Description  Programmable Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ432AS Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SJ432AS Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ432AS Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KSD-I0A016-001
4
SEPT. 2010 Rev01
SJ432xx
1
ref
2
1
ref
KA
R
×
I
+
)
R
R
+
1
(
×
V
=
V
Note.
1. Ambient temperature range: TLOW = -40℃, THigh = 85℃
2. The deviation parameters △Vref and △Iref are defined as the difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
The average temperature coefficient of the reference input voltage,
ref
V
α
is defined as:
T
Δ
)
10
×
)
25
=
T
(
V
V
Δ
(
=
)
ppm
(
V
α
a
6
a
ref
ref
ref
ref
V
α
can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to
Fig. 8
Example : △Vref = 10mV and the slope is positive,
Vref @ 25℃ = 1.24V
Ta = 125℃
/
ppm
65
=
125
10
×
)
241
.
1
010
.
0
(
=
)
ppm
(
V
α
6
ref
3. The dynamic impedance ZKA is defined as:
K
KA
KA
I
Δ
V
Δ
=
Ζ
When the device is operating with two external resistors, R1 and R2, (refer to Fig.2) the total dynamic impedance of the circuit
is given by:
)
R
R
+
1
(
×
Ζ
=
Ζ
2
1
KA
'
KA
Fig. 1 Test circuit for VKA=Vref
Fig. 2 Test circuit for VKA>Vref
Fig. 3 Test circuit for IK(off)
∆Vref = Vref Max – Vref Min
∆Ta = T2 – T1
Ambient Temperature
KA
Input
R1
R2
V
V
KA
Input
IK(off)
Iref
IK
KA
V
Input
IK


Similar Part No. - SJ432AS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ432AS KODENSHI-SJ432AS Datasheet
333Kb / 11P
   Programmable Voltage Reference
More results

Similar Description - SJ432AS

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com