Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC05-4 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SFC05-4
Description  CSP TVS Flip Chip TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SFC05-4 Datasheet(HTML) 3 Page - Semtech Corporation

  SFC05-4 Datasheet HTML 1Page - Semtech Corporation SFC05-4 Datasheet HTML 2Page - Semtech Corporation SFC05-4 Datasheet HTML 3Page - Semtech Corporation SFC05-4 Datasheet HTML 4Page - Semtech Corporation SFC05-4 Datasheet HTML 5Page - Semtech Corporation SFC05-4 Datasheet HTML 6Page - Semtech Corporation SFC05-4 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SFC05-4
PRELIMINARY
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (
µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8
µs
td = 20
µs
Pulse Waveform
ESD Clamping (8kV Contact Discharge)
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (
µs)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
0
5
10
15
20
25
30
Peak Pulse Current - Ipp (A)
Waveform
Parameters:
tr = 8
µs
td = 20
µs


Similar Part No. - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
   FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
917Kb / 10P
   300w flip chip tvs array
SFC05-4-LF-T75-2 PROTEC-SFC05-4-LF-T75-2 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
More results

Similar Description - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4_04 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
   300w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
   300W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com