Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF0952P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MGF0952P
Description  High-power GaAs FET (small signal gain stage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0952P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MGF0952P_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0952P_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0952P_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF0952P_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF0952P_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF0952P_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
< High-power GaAs FET (small signal gain stage) >
MGF0952P
L & S BAND / 4.5W
SMD / Plastic Mold
non - matched
Publication Date : Apr., 2011
4
MGF0952P S PARAMETERS
(Ta=25
C,VD=10V,ID=700mA, Reference Plane see Fig.1)


Similar Part No. - MGF0952P_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0952P MITSUBISHI-MGF0952P Datasheet
1Mb / 50P
   L & S BAND GaAs FET [ Plastic Mold Lead-less PKG ]
More results

Similar Description - MGF0952P_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0907B MITSUBISHI-MGF0907B_11 Datasheet
165Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0910A MITSUBISHI-MGF0910A_11 Datasheet
213Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0919A MITSUBISHI-MGF0919A_11 Datasheet
244Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0909A MITSUBISHI-MGF0909A_11 Datasheet
115Kb / 3P
   High-power GaAs FET(small signal gain stage)
MGF0915A MITSUBISHI-MGF0915A_11 Datasheet
114Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0920A MITSUBISHI-MGF0920A_11 Datasheet
111Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0921A MITSUBISHI-MGF0921A_11 Datasheet
220Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0951P MITSUBISHI-MGF0951P_11 Datasheet
273Kb / 6P
   High-power GaAs FET (small signal gain stage)
MGF0805A MITSUBISHI-MGF0805A_11 Datasheet
325Kb / 8P
   High-power GaAs FET (small signal gain stage)
MGF0913A MITSUBISHI-MGF0913A_11 Datasheet
113Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0917A MITSUBISHI-MGF0917A_11 Datasheet
110Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com