Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1117-15Q Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # SJ1117-15Q
Description  Adjustable and Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-15Q Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

Back Button SJ1117-15Q Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-15Q Datasheet HTML 10Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
KSD-I0T005-008
6
SJ1117xxx
Electrical Characteristic Curves
0.01
0.1
1
10
100
0
200
400
600
800
1000
Stable Region
Instable Region
Instable Region
0
1
2
3
4
5
6
7
8
9
10
-100
-50
0
50
100
150
200
V IN =V OU T+1.5V
0
5
10
15
20
25
30
35
40
45
50
-100
-50
0
50
100
150
200
V IN =2.75V
I OUT =0.1A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-100
-50
0
50
100
150
200
V IN =V OU T+2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
02
46
8
10
12
14
Ta=25℃
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-100
-50
0
50
100
150
200
V IN =V OU T+1.5V
I OUT=10mA
Fig.3 VOUT vs TA
Fig.4 IOUT vs VIN-VOUT
Fig.5 IOUT vs TA
Fig.6 IAdj vs TA
Fig.7 IQ vs TA
Ambient Temperature Ta [˚C]
Ambient Temperature Ta [℃]
Ambient Temperature Ta [℃]
Input-Output Differential Voltage VIN-VOUT [V]
Ambient Temperature Ta [℃]
Fig.8 ESR vs IOUT
Output Current IOUT [mA]
Ta=25℃


Similar Part No. - SJ1117-15Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-15Q KODENSHI-SJ1117-15Q Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
More results

Similar Description - SJ1117-15Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com