Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1117-AD Datasheet(PDF) 10 Page - KODENSHI_AUK CORP.

Part # SJ1117-AD
Description  Adjustable and Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-AD Datasheet(HTML) 10 Page - KODENSHI_AUK CORP.

Back Button SJ1117-AD Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 11Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 12Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 13Page - KODENSHI_AUK CORP. SJ1117-AD Datasheet HTML 14Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
KSD-I0T005-008
10
SJ1117xxx
Application Note
Thermal Considerations
SJ1117 series regulator have internal thermal limiting circuitry designed to protect the device during
overload conditions. For continuous normal load conditions however, the maximum junction temperature
rating of 125℃ must not be exceeded.
The thermal resistance for each application will be affected by thermal interactions with other
components on the board. Some experimentation will be necessary to determine the actual value.
Calculation
Power Dissipation : PD = (VIN – VOUT) x (IOUT)
Maximum junction temperature : TJ=TA(MAX)+PD


Similar Part No. - SJ1117-AD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-AD KODENSHI-SJ1117-AD Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
More results

Similar Description - SJ1117-AD

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com