Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN78M06D Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SN78M06D
Description  3 Terminal 0.5A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN78M06D Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SN78M06D Datasheet HTML 1Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 2Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 3Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 4Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 5Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 6Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 7Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 8Page - KODENSHI_AUK CORP. SN78M06D Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
KSD-I0O013-000
5
December, 2010 REV. 00
( VIN=11V, CIN = 0.33uF, COUT = 0.1uF, IOUT = 350mA, TJ=0 ~125
℃℃
; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN78M06x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
5.75
6.0
6.25
V
8.0V ≤ VIN ≤ 21.0V
5.0mA ≤ IO ≤ 350mA
5.70
6.0
6.3
Line Regulation
VO(△VI)
8.0V ≤ VIN ≤ 25.0V
TJ =25℃
-
-
100
mV
9.0V ≤ VIN ≤ 25.0V
-
-
50
Load Regulation
VO(△IL)
5.0mA ≤ IO ≤ 500mA
TJ =25℃
-
-
120
mV
5mA ≤ IO ≤ 500mA
-
-
60
Quiescent Current
IQC
TJ =25℃
-
4.0
6.0
mA
Quiescent Current Change
∆IQC
9.0V ≤ VIN ≤ 25.0V, IO=200mA
-
-
0.8
mA
5.0mA ≤ IO ≤ 350mA
-
-
0.5
Ripple Rejection
RR
9.0V ≤ VIN ≤ 19.0V
f=120Hz
59
-
-
dB
Dropout Voltage
VDROP
IO=500mA
TJ =25℃
-
2.0
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
45
-
uV/ VO
Short Circuit Current
ISC
VI =35V
TA =25℃
-
300
-
mA
Temperature coefficient of
Output voltage
VO/
Temp
IO=5.0mA
-
-0.5
-
mV/
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
SN78Mxxx
Electrical characteristics


Similar Part No. - SN78M06D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN78MCDCYR TI1-SN78MCDCYR Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - SN78M06D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com