Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN78L05L Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SN78L05L
Description  3 Terminal Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN78L05L Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SN78L05L Datasheet HTML 1Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 2Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 3Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 4Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 5Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 6Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 7Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 8Page - KODENSHI_AUK CORP. SN78L05L Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
KSD-I5B007-001
3
Jan. 2011 REV. 01
Parameter
Symbol
Limits
Unit
Input Voltage
VIN
40.0 ( VO = 24V )
V
35.0 ( VO = 12 to 18V )
30.0 ( VO = 5 to 10V )
Power Dissipation
TO-92
Pd
625
mW
TO-92L
800
mW
SOT-89
800
mW
Junction Temperature
TJ
150
Operate Temperature Range
Topr
-40 ~ +125
Storage Temperature Range
Tstg
-55 ~ +150
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum
allowable power dissipation is a function of the maximum junction temperature, TJ(max) ,
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA.
The maximum allowable power dissipation at any ambient temperature is calculated using:
PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in
excessive die temperature, and the regulator will go into thermal shutdown.
Absolute Maximum Ratings ( Ta = 25℃ )
SN78Lxxx


Similar Part No. - SN78L05L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7805BDJ KODENSHI-SN7805BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805BPI KODENSHI-SN7805BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805D KODENSHI-SN7805D Datasheet
588Kb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805PI KODENSHI-SN7805PI Datasheet
588Kb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7806BDJ KODENSHI-SN7806BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN78L05L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com