Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN317MPI Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SN317MPI
Description  [ 0.5 A Adjustable Output ] Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN317MPI Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SN317MPI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN317MPI Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KSD-I0O010-000
5
October, 2010 REV. 00
Fig.3 Output Voltage vs. Junction Temperature
Fig.4 Dropout Voltage vs. Input Voltage
Fig.5 Line Transient Response
Fig.6 Load Transient Response
Fig.1 Adjustable Pin Current
vs. Junction Temperature
Fig.2 Output Peak Current
vs. Input to Output Differential
SN317Mx
-40
0
25
50
75
100
125
Junction Temperature [
℃]
70
60
50
40
30
20
10
VIN=4.25V
VOUT=1.25V
IOUT=30mA
1.27
1.26
1.25
1.24
1.23
Junction Temperature [
℃]
-40
0
25
50
75
100
125
150
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
Junction Temperature [
℃]
IO=500mA
IO=250mA
VO=100mV
50
0.0
-50
Time [us]
0
20
40
60
80
100
120
140
20V
15V
0.5A
0A
100
0
-100
0
20
40
60
80
100
120
140
Time [us]
Input Voltage
Load Current
Output Voltage Deviation
Output Voltage Deviation
CIN=0.1uF, COUT=1.0uF
Iout=50mA, Ta=25
Fixed 10V
Fixed 10V
CIN=0.1uF, COUT=1.0uF
VIN=15V, Ta=25℃
-40
0
25
50
75
100
125
150
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
5
10
15
20
25
30
35
Input to Output Differential [V]


Similar Part No. - SN317MPI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN317D2 KODENSHI-SN317D2 Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
SN317LF KODENSHI-SN317LF Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
More results

Similar Description - SN317MPI

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com