Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN78M12D Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SN78M12D
Description  3 Terminal 0.5A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN78M12D Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SN78M12D Datasheet HTML 1Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 2Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 3Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 4Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 5Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 6Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 7Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 8Page - KODENSHI_AUK CORP. SN78M12D Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
KSD-I0O013-000
3
December, 2010 REV. 00
Parameter
Symbol
Limits
Unit
TO-220F-3L
TO-252-3L
Input Voltage
VIN
40.0 (for VO=24V)
V
35.0 (for VO=5 to 18V)
Power Dissipation
Pd
2.0
1.3
W
Thermal Resistance Junction to Case
RΘJC
5
5
°C/W
Thermal Resistance Junction to Air
RΘJA
65
92
°C/W
Junction Temperature
TJ
150
Operate Temperature Range
Topr
-40 ~ +125
Storage Temperature Range
Tstg
-55 ~ +150
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum
allowable power dissipation is a function of the maximum junction temperature, TJ(max) ,
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA.
The maximum allowable power dissipation at any ambient temperature is calculated using:
PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in
excessive die temperature, and the regulator will go into thermal shutdown.
Absolute Maximum Ratings ( Ta = 25℃ )
SN78Mxxx


Similar Part No. - SN78M12D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN78MCDCYR TI1-SN78MCDCYR Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - SN78M12D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com